Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 147 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 147 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 151Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
147
Data Sheet
Add-On Signal Timings
Table 6 summarizes the A.C. characteristics for the Add-On bus signals as they apply to the S5320. The figures
after Table 6 visually indicate the timing relationships.
Table 6. Add-On Timings, Functional Operation Range
(VCC = 3.3V ± 5%, 0°C to 70°C, 50 pF load on outputs for MAX, 0 pF load for MIN)
Symbol
Parameter
Min
Max
Units
Notes
TACL
ADCLK Cycle Time
25
-
ns
t10
ADCLK High Time
10
-
ns
t11
ADCLK Low Time
10
-
ns
t12
ADCLK Rise Time (0.2
VCC to 0.6VCC)
-2.5
ns
t13
ADCLK Fall Time (0.6
VCC to 0.2VCC)
-2.5
ns
t14
PCICLK to BPCLK Delay, Rising
-7.1
ns
t15
PCICLK to BPCLK Delay, Falling
-6.2
ns
t16
PTADR# Low to DQ[31:0] Output Valid
-13.1
ns
1
t17a
PTADR# High to DQ[31:0] Output Hold
2-
ns
1
t17b
PTADR# High to DQ[31:0] Output Float
-11.9
ns
1
t18
PTATN# Valid from ADCLK Rising Edge
-13.5
ns
t19
PTATN# Hold from ADCLK Rising Edge
4-
ns
t20
PTBURST# Valid from ADCLK Rising Edge
-13
ns
t21
PTBURST# Hold from ADCLK Rising Edge
3.85
-
ns
t22
PTNUM[1:0] Valid from ADCLK Rising Edge
-14.4
ns
t23
PTNUM[1:0] Hold from ADCLK Rising Edge
4-
ns
t24
PTWR Valid from ADCLK Rising Edge
-13.2
ns
t25
PTWR Hold from ADCLK Rising Edge
4-
ns
t26
PTBE[3:0]# Valid from ADCLK Rising Edge
-14.4
ns
t27
PTBE[3:0]#Hold from ADCLK Rising Edge
3-
ns
t28
PTWAIT# Setup to ADCLK Rising Edge
11
-
ns
t29
PTWAIT# Hold from ADCLK Rising Edge
1-
ns
t30
SELECT# Setup to ADCLK Rising Edge
8.9
-
ns
t31
SELECT# Hold from ADCLK Rising Edge
1-
ns
t32
ADR[6:2] Setup to ADCLK Rising Edge
9.3
-
ns
t33
ADR[6:2] Hold from ADCLK Rising Edge
1-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com