Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 142 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 142 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 146Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
142
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
ABSOLUTE MAXIMUM STRESS RATINGS
Table 1 lists the absolute maximum S5320 device stress ratings. Stresses beyond those listed may cause perma-
nent damage to the device. These are stress ratings only; operation of the device at these or any other conditions
beyond those indicated in the Operating Characteristics section of this specification is not implied.
RECOMMENDED OPERATING CONDITIONS
Table 2 lists the S5320 operating conditions. These parameters are guaranteed by device characterization, but not
device tested. All values are maximum guaranteed values.
Table 1. Absolute Maximum Stress Ratings
Parameter
Min
Max
Units
Storage Temperature
-55
125
°C
Supply Voltage (VCC)-0.3
4
V
Input Pin Voltage
-0.3
6
V
ESD Voltage Rating (Human Body Model)
2000
-
V
ESD Voltage Rating (Machine Model)
200
-
V
Table 2. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
TJ
Junction Temperature
-10
-
85
°C
TA
Operating Ambient Temperature
0-
70
°C
VCC
Supply Voltage
3.0
-
3.6
V
ICC,static
1
Supply Current (Static)
-
36.2
45.2
mA
Add-on clock freq = 40 MHz
ICC,dynamic
1
Supply Current (Dynamic)
-
50.4
113.9
mA
Add-on clock freq = 40 MHz
PD
1
Power Dissipation (Dynamic)
-
166.3
410
mW
Add-on clock freq = 40 MHz
1. Typical: 3.3V, 20pF load, 25 °C; Max: 3.6V, 50pF, 70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com