Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 131 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 131 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 135Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
131
Data Sheet
Active mode Programmable Wait States
Bits 0,1,2 of the PTCR register control this feature.
Wait States are programmed on a per region basis.
For example: region one can be set for zero wait
states while other regions may have multiple wait
states programmed.
Wait state options are 0,1,2,...7 wait states. The S5320
will always count N wait states (N=0,1,..7) before com-
pleting the current data phase.
Figures 76, 77 and 78 show Pass-Thru transfers with
programmed wait states.
PTRDY#/PTWAIT#
In Active mode, the PTRDY#/PTWAIT# pin takes the
PTWAIT# function, which is the opposite function of
this pin when configured for passive mode. That is, if
the part is configured to operate in Active mode,
PTWAIT# asserted low means the Add-On wishes to
insert wait states.
Add-On peripherals are allowed to insert wait state
cycles at any time during an Active mode transfer.
When PTWAIT# has been sampled low, the S5320 will
tri-state its DQ[31:0] bus in order to allow other Add-
On devices to use the bus without contention.
Figure 73. Active Mode PCI Write with Add-On Initiated Wait States Using PTWAIT#
Figure 74. Active Mode 32-Bit PCI Write
The address phase of a Pass-Thru consists of the
cycles from PTATN# asserted through PTADR#
asserted (if PTADR# has been programmed to be dis-
abled, there is no address phase). If PTWAIT# is
asserted before the address phase, the address
phase is delayed. The address phase will occur during
the cycle after the clock edge that PTWAIT# is sam-
pled high and PTATN# is sampled low.
The data phase(s) of a Pass-Thru consists of all the
cycles after the (possibly nonexistent) address phase.
During data phases, a wait is incurred during the cycle
after PTWAIT# is sampled asserted.
Note: If PTWAIT# is activated in order to access other
registers internal to the S5320, the user is responsible
for inserting any needed turnaround cycles in order to
avoid bus contention on the DQ bus.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[31:0]
PTADR#
PTWAIT#
DATA
PTADDR
01b
Fh
0h
0
1
5
6
10
11
12
13
2
34
78
9
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
DXFR#
DQ[31:0]
PTWAIT#
0h
PTADDR
DATA
PTADR#
Fh
01b
16
234
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com