Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 129 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 129 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
129
Data Sheet
Figure 69. PCI to Add-On Passive Read to an 16-bit Add-On Device
In Active mode, wait states can also be programmed.
This enables easier interfacing to slow Add-On logic
whichcannot transferdataatthe fullADCLKspeed.The
S5320 inserts a turnaround cycle after the address
phase for PCI Read cycles. If one or more wait states
have been programmed, the turnaround cycle is con-
sidered the first wait state of the first data phase of that
transaction.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
SELECT#
ADR[6:2]
BE[3:0]#
WR#
DQ[31:16]
PTADR#
ADDR
[31:16]
PTRDY#
0h
3h
0h
3h
0h
3h
Ch
3h
Ch
3h
Ch
3h
2Ch
DQ[15:0]
ADDR
[15:0]
D1
LOW
D1
HIGH
D2
LOW
D2
HIGH
D3
LOW
D3
HIGH
Fh
3h
0
1
5
6
10
11
12
13
2
34
7
8
9
Table 45. Showing Big Endian Conversion for 32-bit
Byte#
PCI Byte
Add-On Byte
0
D7-D0
D31-D24
1
D15-D8
D23-D16
2
D23-D15
D15-D8
3
D31-D24
D7-D0
Table 46. Big Endian conversion for a 16-bit bus. The
S5320 drives D[15:0] only
Transfer
Byte #
PCI Byte
Lane
Add-On Bus
Byte Lane
1st XFER
0
D7-D0
D15-D8
1st XFER
1
D15-D8
D7-D0
2nd XFER
2
D23-D16
D15-D8
2nd XFER
3
D31-D24
D7-D0
Table 47. Big Endian conversion for an 8-bit bus. The
S5320 drives D[7:0] only
Transfer
Byte #
PCI Byte
Lane
Add-On Bus
Byte Lane
1st XFER
0
D7-D0
D7-D0
2nd XFER
1
D15-D8
D7-D0
3rd XFER
2
D23-D16
D7-D0
4th XFER
3
D31-D24
D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com