Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 127 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 127 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
127
Data Sheet
Figure 68. PCI to Add-On Passive Write to an 8-bit
Clock 5:
The Add-On logic latches BYTE1. RD# and
BE2# are sampled asserted by the S5320, so BYTE2
of the APTD is driven on DQ[7:0] and PTBE2# is deas-
serted. The Add-On device asserts RD# and BE3#,
thus requesting that BYTE3 of the APTD be driven on
the DQ bus during the next cycle. PTRDY# is also
asserted, indicating that the transfer is complete.
Clock 6:
The Add-On logic latches BYTE2. RD# and
BE3# are sampled asserted by the S5320, so BYTE3
of the APTD is driven on DQ[7:0]. PTRDY# is sampled
asserted, so the previous transfer is complete. The
PTBE# signals are updated to indicate which bytes are
valid for the next transfer (in this case, all bytes are
valid for the second DWORD, so PTBE# = 0h). The
S5320 deasserts PTBURST#, as it only has one
DWORD left to transfer. The Add-On device asserts
RD# and BE3#, thus requesting that BYTE3 of the
second DWORD in the APTD be driven on the DQ bus
during the next cycle.
Clock 7:
The Add-On logic latches BYTE3 of the first
DWORD. RD# and BE3# are sampled asserted by the
S5320, so BYTE3 of the second DWORD in the APTD
is driven on DQ[7:0] and PTBE3# is deasserted. The
Add-On device asserts RD# and BE2#, thus request-
ing that BYTE2 of the APTD be driven on the DQ bus
during the next cycle.
Clock 8:
The Add-On logic latches BYTE3 of the sec-
ond DWORD. RD# and BE2# are sampled asserted
by the S5320, so BYTE2 of the APTD is driven on
DQ[7:0] and PTBE2# is deasserted. The Add-On
asserts RD# and BE1#, thus requesting that BYTE1 of
the APTD be driven on the DQ bus during the next
cycle.
Clock 9:
The Add-On logic latches BYTE2 of the sec-
ond DWORD. RD# and BE1# are sampled by the
S5320, so BYTE1 of the APTD is driven on DQ[7:0]
and PTBE1# is deasserted. The Add-On asserts RD#
and BE0#, thus requesting that BYTE0 of the APTD be
driven on the DQ bus during the next cycle. PTRDY#
is also asserted, indicating that the transfer is com-
plete. As PTBURST# is already deasserted, the Add-
On recognizes that this is the last transfer.
Clock 10:
The Add-On logic latches BYTE1 of the
second DWORD. RD# and BE0# are sampled by the
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
SELECT#
ADR[6:2]
BE[3:0]#
RD#
DQ[7:0]
PTADR#
ADD[7:0]
PTRDY#
0h
1h
3h
7h
0h
8h
Ch
Eh
Eh
Dh
Bh
7h
7h
Bh
Dh
9Ah
D4h
DQ[31:8]
ADD[31:8]
0h
2Ch
Eh
30h
08h
AAh
BBh
CCh
DDh
Fh
0
1
5
6
10
11
12
13
2
34
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com