Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 130 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 130 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 134Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 160 page
background image
S5320 – PCI Match Maker: Pass-Thru Operation
130
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
For all Active mode transfers, the DXFR# signal is
used by Add-On logic as the data transfer signal. Data
must be latched at the rising edge of ADCLK when
DXFR# is asserted for a PCI write. Conversely, for PCI
Reads, the rising edge of ADCLK when DXFR# is
asserted can be used to increment to the next data
field.
Figure 70. Active mode PCI Read (Zero Programmed
Wait States) with PTADR#
Figure 71. Active Mode PCI Read without PTADR#
The PTADR# signal is controlled by the most signifi-
cant bit of every region control field in the PTCR
register. If this bit is zero then the PTADR# pin is not
driven at the start of an Active mode transfer. If this bit
is set to one, the PTADR# pin will be enabled and
driven active (low) for one and only one clock after
PTATN# was sampled active provided PTWAIT# was
also sampled high.
Figure 72. Active Mode PCI Write without PTADR#
When PTADR# is active (low), the S5320 will drive the
DQ[31:0] bus with the 32-bit PCI address regardless of
the PTMODE pin. To avoid contention on the DQ[31:0]
bus during PCI read cycles, the S5320 incorporates a
turnaround cycle before starting to drive the data
(DXFR# assertion). This is needed only when
PTADR# is enabled and when zero wait states are
programmed during a Pass-Thru read cycle. The cycle
immediately following the address cycle will be a turn-
around cycle as shown in Figure 70.
If PTADR# is disabled, the DXFR# output will be
driven one clock cycle after PTATN# is valid (PTATN#
is not considered active until PTATN# is low and
PTWAIT# is high) regardless of the transfer being a
read or a write. Figure 71 shows a PCI read cycle with
PTADR# disabled.
Figure 72 shows a Pass-Thru write cycle with PTADR#
disabled.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
1
DXFR#
DQ[31:0]
PTWAIT#
0h
6
PTADDR
DATA
PTADR#
7
01b
Fh
23
4
5
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
DXFR#
DQ[31:0]
PTWAIT#
0h
DATA
PTADR#
01b
Fh
16
7
234
5
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
DXFR#
DQ[31:0]
PTWAIT#
0h
DATA
PTADR#
01b
Fh
16
7
234
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com