Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 157 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 157 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 154Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 155Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 156Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 157Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 158Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 159Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 160Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
157
Data Sheet
65
VCC
V
66
VCC
V
67
ADDINT#
out
68
DQ29
t/s
69
DQ28
t/s
70
MD0
t/s
71
DQ27
t/s
72
MD1
t/s
73
DQ26
t/s
74
DQ13
t/s
75
GND
V
76
BE2#
in
77
BE1#
in
78
ADR2
in
79
BE3#
in
80
ADR4
in
81
ADR3
in
82
VCC
V
83
MD2
t/s
84
DQ12
t/s
85
MD3
t/s
86
MD4
t/s
87
PTWR
out
88
DQ11
t/s
89
DQ25
t/s
90
GND
V
91
DQ10
t/s
92
DQ9
t/s
93
DQ8
t/s
94
MD5
t/s
95
VCC
V
96
DQ7
t/s
97
DQ24
t/s
Pin#
Signal
Type
98
DQ6
t/s
99
DQ23
t/s
100
DQ5
t/s
101
DQ22
t/s
102
DQ21
t/s
103
GND
V
104
WR#
in
105
ADR5
in
106
VCC
V
107
VCC
V
108
DQ20
t/s
109
DQ4
t/s
110
MD6
t/s
111
DQ3
t/s
112
DQ2
t/s
113
MD7
t/s
114
GND
V
115
GND
V
116
GND
V
117
BE0#
in
118
VCC
V
119
SYSRST#
out
120
RD#
in
121
BPCLK
out
122
PTADR#
in
123
GND
V
124
IRQ#
out
125
RSVD1
--
126
DXFER#
out
127
EWR#/SDA
t/s
128
VCC
V
129
ADR6
in
130
PTRDY#
in
Pin#
Signal
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com