Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 158 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 158 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 154Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 155Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 156Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 157Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 158Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 159Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 160Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 158 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
158
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
131
ERD#/SCL
out
132
GND
V
133
PTBE0#
out
134
RSVD5
—
135
PTBE2#
out
136
INTA#
out
137
PTBE1#
out
138
VCC
V
139
RSVD2
—
140
RSVD3
—
141
SELECT#
in
142
GND
V
143
DQ19
t/s
144
DQMODE
in
145
DQ1
t/s
146
DQ18
t/s
147
PTBURST#
out
148
VCC
V
149
PTATN#
out
150
LOAD
in
151
PTNUM1
out
152
GND
V
153
GND
V
154
GND
V
155
PTNUM0
out
156
RSVD4
—
157
DQ17
t/s
158
DQ0
t/s
159
DQ16
t/s
160
MDMODE
in
161
VCC
V
162
VCC
V
163
PTMODE
in
Pin#
Signal
Type
164
FLT#
in
165
PTBE3#
out
166
ADCLK
in
167
RST#
in
168
CLK
in
169
AD31
t/s
170
AD30
t/s
171
GND
V
172
AD29
V
173
AD28
V
174
VCC
V
175
AD27
t/s
176
AD26
t/s
Pin#
Signal
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com