Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5320 Datasheet(PDF) 159 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 159 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 154Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 155Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 156Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 157Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 158Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 159Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 160Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 159 / 160 page
background image
S5320 – PCI Match Maker: Electrical Characteristics
Revision 5.03 – June 14, 2006
AMCC Confidential and Proprietary
DS1656
159
Data Sheet
DOCUMENT REVISION HISTORY
Revision
Date
Description
5.03
5/14/06
•
page 23, updated Table 5
5.02
5/02/06
•
page 26 updated Signal and Description columns in Table 9 (pins 125, 139, 140, 156, and
134) added RSVD1 - 5
•
page 157 - 158, updated Pin# 102, 117, and 156
5.01
11/24/04
•
page 20, Figure 5, removed pin assignment reference
•
page 160, added Development Kit ordering information
5.00
8/20/04
•
page 3updated feature list
•
Page 92, updated read transfers section
•
Pages 121 - 139,
- updated Pass-Thru Passive Mode Operation description
- added Pass-Thru Active Mode Operation description
- added Pass-Thru Configuration description
4.00
5/28/04
•
Table 2 on page 142updated TJ
•
page 160updated ordering information.
3.00
3/30/04
•
page 4updated package information.
•
Table 1 on page 142updated supply and input voltage, added ESD rating
•
Table 2 on page 142updated Icc and PD, added TJ
•
Table 3 on page 143updated VIH, VIL, VOH, VOL
•
Table 4 on page 144 updated VIH, VIL, VOH, VOL
•
page 144updated SCL and SDA current
•
Table 6 on page 147updated t14, t21, and t24
•
Table 8 on page 153 updated t60 and t62
•Table 9, Mailbox Data (Setup/Hold timing) and 10, updated
•
Table 12, 176 Pin Low Profile Quad Flat Pack (LQFP), 24 mm x 24 mm, updated package
spec, added thermal management data
•
page 159added document revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com