Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 204 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 204 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-202
Setting example:
1. When the analog input voltage on the AN3 pin is AD converted
at 160-state speed and the result is transferred to the memory
address 0100H by the AD interrupt INTAD routine.
Main setting
INTE0AD
← 1 1 0 0 − − − −
Enable INTAD and set interrupt level 4.
ADMOD2
← 1 X 0 0 X 0 1 1
ADMOD1
← X X 0 0 X 1 X X
Specify AN3 pin as an analog input channel and start
AD conversion in 160-state speed mode.
INTAD routine
WA
← ADREG37
Read ADREG37L and ADREG37H values and write to
WA (16 bits).
WA
>> 6
Right-shift WA six times and write “0” in upper bits.
(000100H)
← WA
Write contents of WA in memory at 0100H.
2. When the analog input voltage of the four pins AN4 to AN7
are AD converted at 320-state speed and the channel is set to
scan and repeat mode.
Main setting
INTE0AD
← 1 0 0 0 − − − −
Disable INTAD.
ADMOD2
← 1 X 0 1011 1
ADMOD1
← X X 1 1 X 1 0 0
Specify AN4 to AN7 pins as input channel, select scan
and repeat mode and start AD conversion.
X: Don’t care, −: No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com