Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 202Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-204
The watchdog timer consists of 7-stage and 15-stage binary counters which use the
system clock (fSYS) as the input clock. The 15-stage binary counter has fSYS/215, fSYS/217,
fSYS/219 and fSYS/221 outputs. Selecting one of the outputs with the WDMOD<WDTP1:0>
register generates a watchdog interrupt and outputs watchdog timer out when an overflow
occurs.
For the warm-up counter, either a 27 or a 29 output from the 15-stage binary counter can
be selected using the WDMOD<WARM> register. When a stable-external oscillator is used,
a shorter warm-up time is available using the T45CR<QCU> register. When <QCU>
= “1”,
a counting value 27 is selected.
When the watchdog timer is in operation, this shorter warm-up time function cannot be
selected. The warm-up counter function can be made available by setting <QCU>
= “0”.
Since the watchdog timer out pin ( WDTOUT ) outputs “0” when there is a watchdog timer
overflow, the peripheral devices can be reset. The watchdog timer out pin is set to “1” after
WDT has been disabled and the watchdog timer cleared (by a clear code 4EH being written
into the WDCR register).
Example:
LDW (WDMOD), B100H
; Disable
LD
(WDCR), 4EH
; Write clear code
SET
7, (WDMOD)
; Enable again
In other words, WDTOUT keeps outputting “0” until the clear code is written.
The watchdog timer out pin can also be connected to the reset pin internally. In this case,
the watchdog timer out pin ( WDTOUT ) outputs “0” for 8 to 20 states (12.8 to 32
µs at fc = 20
MHz), and then resets itself.
Figure 3.13.2 Normal Mode
Figure 3.13.3 Reset Mode
n
0
Write clear code
WDT counter
WDT interrupt
WDT clear
(Software)
WDTOUT
Overflow
Overflow
8 to 20 states
= 12.8 to 32 µs (at 20 MHz)
WDT counter
WDT interrupt
WDTOUT
(Internal reset)
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com