Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 207 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 207 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 203Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 211Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-205
3.13.2
Control Registers
The watchdog timer WDT is controlled by two control registers WDMOD and WDCR.
(1) Watchdog timer mode register (WDMOD)
1. Setting the detection time for the watchdog timer <WDTP>
This 2-bit register is used to set the watchdog timer interrupt time for detecting
runaway. This register is initialized to WDMOD<WDTP1:0>
= “00” when reset.
The detection time for WDT is shown in Figure 3.13.6.
2. Watchdog timer enable/disable control <WDTE>
When reset, WDMOD<WDTE> is initialized to “1” to enable the watchdog timer.
To disable the timer, it is necessary to clear this bit to “0” and write the disable code
(B1H) into the watchdog timer control register WDCR. This makes it difficult for the
watchdog timer to be disabled by runaway.
However, it is possible to return from the disabled state to the enabled state simply
by setting <WDTE> to “1”.
3. Watchdog timer out reset connection<RESCR>
This bit is used to connect the output of the watchdog timer with RESET internally.
Since WDMOD<RESCR> is initialized to “0” at reset, a watchdog timer reset is not
performed.
(2) Watchdog timer control register (WDCR)
This register is used to disable and clear the watchdog timer’s binary counter.
•
Disable control
The watchdog timer can be disabled by writing the disable code (B1H) to the WDCR
register after clearing WDMOD<WDTE> to “0”.
WDMOD
← 0 − − − − − X X
Clear WDMOD<WDTE> to “0”.
WDCR
← 1 0 11000 1
Write the disable code (B1H).
•
Enable control
This sets WDMOD<WDTE> to “1”.
•
Watchdog timer clear control
The binary counter can be cleared and made to resume counting by writing the clear
code (4EH) into the WDCR register.
WDCR
← 0 1 00111 0
Write the clear code (4EH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com