Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 204Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 205Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 206Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 207Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 208Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 209Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 210Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 211Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-206
7
6
5
4
3
2
1
0
WDMOD
Bit symbol
WDTE
WDTP1
WDTP0
WARM
HALTM1
HALTM0
RESCR
DRVE
(005CH)
Read/Write
R/W
After reset
1
0
0
0
0
0
0
0
Function
WDT
control
1: Enable
Select detection time
00: 2
15/fSYS
01: 2
17/fSYS
10: 2
19/fSYS
11: 2
21/fSYS
See Figure 3.13.6
Warm-up
time
Standby mode
00: RUN mode
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
1: Internally
connects
WDT out
to the
reset pin
1: Drives
the pin
even in
STOP
mode
Figure 3.13.4 Watchdog Timer Mode Register
0
−
1
Connects WDT out to reset
Watchdog timer out control
Selection of warm-up time
Warm-up Time
T45CR<QCU> = 0
T45CR<QCU> = 1
System Clock
Selection
<SYSCK>
Gear Value
<GEAR2:0>
WARM
= 0WARM = 1
WARM
= X
1 (fs)
XXX
(Don’t care)
0.50 s
2.00 s
3.9 ms
000 (fc)
0.82 ms
3.28 ms
6.4
µs
001 (fc/2)
1.64 ms
6.55 ms
12.8
µs
010 (fc/4)
3.28 ms
13.11 ms
25.6
µs
011 (fc/8)
6.55 ms
26.21 ms
51.2
µs
0 (fc)
100 (fc/16)
13.11 ms
52.43 ms
102.4
µs
0
Disable
1
Enable
Watchdog timer enable/disable control
DRVE (Explanation in STOP mode section)
00
RUN mode (only the CPU stops)
01
STOP mode (All circuits stop)
10
IDLE1 mode (only the oscillator operates)
11
IDLE2 mode (CPU and AD stop)
Select the standby mode HALT instruction
at fc
= 20 MHz, fs = 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com