Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 100Page - STMicroelectronics SPSB081 Datasheet HTML 101Page - STMicroelectronics SPSB081 Datasheet HTML 102Page - STMicroelectronics SPSB081 Datasheet HTML 103Page - STMicroelectronics SPSB081 Datasheet HTML 104Page - STMicroelectronics SPSB081 Datasheet HTML 105Page - STMicroelectronics SPSB081 Datasheet HTML 106Page - STMicroelectronics SPSB081 Datasheet HTML 107Page - STMicroelectronics SPSB081 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 137 page
background image
Table 88. CR9 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
15
RES
Reserved
14
RES
Reserved
13
RES
Reserved
12
RES
Reserved
11
RES
Reserved
10
RES
Reserved
9
RES
Reserved
8
RES
Reserved
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
PWM4_FREQ
Select PWM4 frequency
0 = fPWM1 = 125 Hz (default)
1 = fPWM2 = 250 Hz
2
PWM3_FREQ
Select PWM3 frequency
0 = fPWM1 = 125 Hz (default)
1 = fPWM2 = 250 Hz
1
PWM2_FREQ
Select PWM2 frequency
0 = fPWM1 = 125 Hz (default)
1 = fPWM2 = 250 Hz
0
PWM1_FREQ
Select PWM1 frequency
0 = fPWM1 = 125 Hz (default)
1 = fPWM2 = 250 Hz
Table 89. Control register CR10 (0x0A)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
0 (R/W)
0 (R)
0 (R/W)
SPSB081
Control registers
DS14048 - Rev 3
page 104/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com