Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics L99H92 Datasheet HTML 46Page - STMicroelectronics L99H92 Datasheet HTML 47Page - STMicroelectronics L99H92 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Figure 23. SPI CSN output timing
GADG120920221116SA
Figure 24. SPI CSN low to high transition and global status bit access
CSN
CLK
DI
DO
CSN high to low and CLK stays low: status information of data bit 0 (fault condition) is transferred to DO
DI: data is not accepted
DO: status information of data bit 0 (fault condition) stays as long as CSN is low
0-
t
t
t
t
5.14
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V<
VS < 28 V; 6 V < VDH< 28 V ; TJ = -40 °C... 150 °C, unless otherwise specified.
Table 40. Oscillator
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
5.14.1
FCLK2
Oscillation
frequency
12.8
16.0
19.2
MHz
L99H92
Oscillator
DS14069 - Rev 4
page 44/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com