Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CSN, CLK, DI, DIR,
PWM and EN
1. Value of input capacity is not measured in production test. Parameter is guaranteed by design.
Table 36. DI, CLK and CSN timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.11
tCLK
Clock period
Tested by scan
250
-
ns
5.13.12
tCLKH
Clock high time
Tested by scan
100
-
ns
5.13.13
tCLKL
Clock low time
Tested by scan
100
-
ns
5.13.14
tset CSN
CSN setup time, CSN
low before rising edge
of CLK
Tested by scan
150
-
ns
5.13.15
tset CLK
CLK setup time, CLK
high before rising
edge of CSN
Tested by scan
150
-
ns
5.13.16
tset SDI
SDI setup time
Tested by scan
25
-
ns
5.13.17
thold SDI
SDI hold time
Tested by scan
25
-
ns
5.13.18
tr in
Rise time of input
signal SDI,CLK, CSN
Tested by scan
-
25
ns
5.13.19
tf in
Fall time of input
signal SDI, CLK, CSN
Tested by scan
-
25
ns
Note:
See Figure 21.
Table 37. SDO
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.20
VSDOL
Output low level
ID = +4 mA
0.5
V
5.13.21
VSDOH
Output high level
ID = -4 mA
VDD – 0.5
V
5.13.22
ISDOLK
Tristate leakage
current
VCSN= VDD; 0 V
< VSDO< VDD
-10
10
μA
5.13.23
CSDO
Tristate input
capacitance
Guaranteed by
design
10
15
pF
Table 38. SDO timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.24
tr SDO
SDO rise time
CL = 50 pF; Iload
= -1 mA
-
25(1)
ns
5.13.25
tf SDO
SDO fall time
CL = 50 pF; Iload
= +1 mA
-
25(1)
ns
5.13.26
ten DO tri L
SDO enable time from
CSN falling edge: 3-state
to low level on SDO
CL = 50 pF; Iload
= +1mA;
pull-up load to
VDD
-
50
100
ns
5.13.27
tdis SDO L tri
SDO disable time from
CSN rising edge: low
level to 3-state on SDO
CL = 50 pF; Iload
= +1mA; pull-up
load to VDD
-
50
100
ns
L99H92
SPI electrical characteristics
DS14069 - Rev 4
page 40/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com