Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics L99H92 Datasheet HTML 59Page - STMicroelectronics L99H92 Datasheet HTML 60Page - STMicroelectronics L99H92 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
P
Parity bit
Table 54. Control register GD2CR1 (0x06) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
SLEWC2[4] SLEWC2[3]
SLEWC2[2]
SLEWC2[1]
SLEWC2[0]
DT2[3]
DT2[2]
DT2[1]
Gate charge current configuration bits
Dead-time configuration bits
Bit
Name
Description
15
SLEWC2[4]
Gate charge current configuration bits for the leg 2 in case INPMODE are set. These bits have no
effect if INPMODE is reset.
SLEWC2[4:0]=n sets gate charge current to n x IGMAX/31. Setting SLEWC2[4:0]=0 disables gate
charge current control and enables gate charging through low impedance switches.
14
SLEWC2[3]
13
SLEWC2[2]
12
SLEWC2[1]
11
SLEWC2[0]
10
DT2[3]
Dead-time configuration bits for the leg 2 in case INPMODE is set. These bits have no effect if
INPMODE is reset.
0000=250ns
0001=500ns
0010=750ns
0011=1000ns
0100=1250ns
…
1110=3750ns
1111=4000ns
9
DT2[2]
8
DT2[1]
Table 55. Control register GD2CR1 (0x06) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R)
0 (R)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
DT2[0]
RES
SLEWD2[4]
SLEWD2[3]
SLEWD2[2]
SLEWD2[1]
SLEWD2[0]
P
Dead-time
configuration
bit
Reserved
bit
Gate discharge current configuration bits
Parity bit
Bit
Name
Description
7
DT2[0]
Dead-time configuration control bit for the leg 2 in case INPMODE is set. This bit has no effect if
INPMODE is reset.
6
RES
Reserved
5
SLEWD2[4]
Gate discharge current configuration bits for the leg 2 in case INPMODE is set. These bits have
no effect if INPMODE is reset.
SLEWD2[4:0]=n sets gate discharge current to n x IGMAX/31. Setting SLEWD2[4:0]=0 disables
gate discharge current control and enables gate discharging through low impedance switches.
4
SLEWD2[3]
3
SLEWD2[2]
2
SLEWD2[1]
1
SLEWD2[0]
0
P
Parity bit
L99H92
Control registers
DS14069 - Rev 4
page 57/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com