Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
5.7
VDS monitoring thresholds
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VDH ≤ 28 V, V ≤ VS ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 28. Drain-source monitoring external full-bridge
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.7.1
VSCd0
Drain-source
threshold voltage
-40%
0.075
40%
V
5.7.2
VSCd1
Drain-source
threshold voltage
-25%
0.15
25%
V
5.7.3
VSCd2
Drain-source
threshold voltage
-25%
0.25
25%
V
5.7.4
VSCd3
Drain-source
threshold voltage
-20%
0.4
20%
V
5.7.5
VSCd4
Drain-source
threshold voltage
-15%
0.6
15%
V
5.7.6
VSCd5
Drain-source
threshold voltage
-15%
0.8
15%
V
5.7.7
VSCd6
Drain-source
threshold voltage
-12%
1
12%
V
5.7.8
VSCd7
Drain-source
threshold voltage
-12%
1.2
12%
V
5.7.9
tFT00
Drain-source monitor
filter time
Tested by scan
1.5
µs
5.7.10
tFT01
Drain-source monitor
filter time
Tested by scan
3
µs
5.7.11
tFT10
Drain-source monitor
filter time
Tested by scan
4.5
µs
5.7.12
tFT11
Drain-source monitor
filter time
Tested by scan
6
µs
5.7.13
tB000
Drain-source monitor
blanking time
Tested by scan
1
µs
5.7.14
tB001
Drain-source monitor
blanking time
Tested by scan
2
µs
5.7.15
tB010
Drain-source monitor
blanking time
Tested by scan
3
µs
5.7.16
tB011
Drain-source monitor
blanking time
Tested by scan
4
µs
5.7.17
tB100
Drain-source monitor
blanking time
Tested by scan
5
µs
5.7.18
tB101
Drain-source monitor
blanking time
Tested by scan
6
µs
5.7.19
tB110
Drain-source monitor
blanking time
Tested by scan
7
µs
5.7.20
tB111
Drain-source monitor
blanking time
Tested by scan
8
µs
5.7.21
tscs
Drain-source
comparator
propagation delay
VS = 13.5 V;
VDH = jump from
GND to VS
1
µs
L99H92
VDS monitoring thresholds
DS14069 - Rev 4
page 35/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com