Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
Table 26. Charge pump electrical characteristics
Item Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.5.1
VCP
Charge pump output voltage
VDH = 5.5 V, ICP = -5 mA
VDH+6.2
VDH+7
V
5.5.2
VDH ≥ 8 V, ICP = -10 mA
VDH+8.2 VDH+12 VDH+13.5
V
5.5.3 VCP_low
Charge pump low threshold voltage
VDH+4.5
VDH+5
VDH+5.5
V
5.5.4
ICP_lim
Charge pump output current limitation
VCP=VDH, VDH=13.5 V
70
mA
5.5.5
tCP
Charge pump low filter time
Tested by scan
50
96
µs
5.5.6
fCP
Charge pump frequency
Tested by scan
300
400
500
kHz
5.6
Full-bridge driver
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V ≤ VDH ≤ 28 V 6 V ≤ VS ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 27. Full-bridge driver
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.6.1
IGHx(Ch)
Average charge/
discharge current switch
mode
VSH=VDH=13 V average current on 180 nF
cap between VGhx=VSHx+3 V and VSHx+6
V
TJ= 25 °C
0.42
A
5.6.2
RGHx
On-resistance (discharge-
stage)
VSHx = 0 V; IGHx = 50 mA; TJ = 25 °C
4
10
14
Ω
5.6.3
VSHx = 0 V; IGHx = 50 mA; TJ = 130 °C
14
20
Ω
5.6.4
VGSHx
Gate-on voltage
VDH = VSH = 5.5 V ; ICP = -5 mA
VSHx +
6
V
5.6.5
VDH = VSH ≥ 8 V ; ICP = -10 mA
VSHx +
8
VSHx
+10
VSHx
+11.5
V
5.6.6
RGSHx
Passive gate-clamp
resistance
RGH=(VGHx_a-VGHx_b)/(IGHx(VGHx_a)-
IGHx(VGHx_b))
VGHx_a=8 V, VGHx_b=1 V
VSHx=0 V
10.5
15
19.5
kΩ
5.6.7
IGLx(Ch)
Average charge/
discharge current switch
mode
VSL=0V VDH=13 V average current on 180
nF cap between VGLx=VSLx+3 V and
VSLx+6 V
TJ = 25 °C
0.42
A
5.6.8
RGLx
On-resistance (discharge-
stage)
VSLx = 0 V; IGLx = 50 mA; TJ = 25 °C
4
10
14
Ω
5.6.9
VSLx = 0 V; IGLx = 50 mA; TJ = 130 °C
14
20
Ω
5.6.10
VGLx
Gate-on voltage
VSL=0 V
VDH = 5.5 V; ICP = -5 mA
VSLx
+6
V
5.6.11
VSL=0 V
VDH ≥ 8 V; ICP = -10 mA
VSLx
+8
VSLx
+10
VSLx
+12.5
V
5.6.12
RGSLx
Passive gate-clamp
resistance
RGH=(VGLx_a-VGLx_b)/(IGLx(VGLx_a)-
IGLx(VGLx_b))
VGLx_a=8 V, VGLx_b=1 V
VSLx=0 V
10.5
15
19.5
kΩ
L99H92
Full-bridge driver
DS14069 - Rev 4
page 31/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com