Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics L99H92 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
Figure 5. Full-bridge GSHx and GSLx slopes
GADG190920221238SA
VGSyx
y= H, L
x= 1, 2
VDSyx
y= H, L
x= 1, 2
2.6.3
Short circuit detection / drain-source monitoring (DSHS/DSLS)
The voltage-drop over each MOSFET is sensed and compared to a programmable threshold to detect an
overcurrent condition. This monitoring is active only on the MOSFETs driven to be turned on. In dual half-bridge
mode, each half-bridge has its own programmable threshold (DSMONx[2:0]), blanking time (DSBTx[2:0]) and
filtering time (FTx[1:0]). As soon as the gate driver starts to turn on a MOSFET, the corresponding drain source
monitoring comparator output is masked for the programmed blanking time to give time to the MOSFET to turn
on. Besides the blanking time, a filtering time is also present to filter noise. Both values have to be chosen
depending on the application.
If the voltage-drop over the driven MOSFET exceeds the programmed threshold voltage VSCdx (DSMON1[2:0]
control bits for full-bridge or leg 1 and DSMON2[2:0] control bits for leg 2 in dual half-bridge mode) for a time
longer than the programmed filtering time (and the programmed blanking time, where applicable), then:
•
with DSMON_CONFIG control bit set to zero the gate drivers belonging to the faulty leg are forced in sink
switch mode to switch off actively the half-bridge MOSFETs with the maximum available current, regardless
of the programmed gate discharge current (SLEWDx control bits)
•
for INPMODE set to zero and DSMON_CONFIG control bit set to one all the gate drivers are forced in sink
switch mode to switch off actively all the full-bridge MOSFETs.
In any case, the drain source monitoring flag DSHSx or DSLSx of the MOSFET detecting the fault is set. The
drain-source monitoring flags have to be cleared through SPI to reactivate the affected half-bridge/full-bridge gate
drivers that are forced in sink switch mode. The drain-source monitoring flag DSHSx/DSLSx can be cleared by an
SPI “Read & Clear” command only if the fault condition is no longer present.
L99H92
Gate drivers
DS14069 - Rev 4
page 11/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com