Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics L99H92 Datasheet HTML 21Page - STMicroelectronics L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
•
Functional error bit (FE)
The FE bit is a logical OR combination of errors coming from application specific functional items:
Overcurrent status flags (DSHSx, DSLSx)
Device error bit (DE)
The DE bit is a logical OR combination of errors related to device specific blocks:
•
VDH overvoltage status flag (VDHOV)
•
VDH undervoltage status flag (VDHUV)
•
VDD overvoltage status flag (VDDOV)
•
Thermal shutdown status flag (TSD)
•
Charge pump not ready status bit (NRDY)
•
Charge pump low status flag/bit (CPLOW)
•
Digital input/output overvoltage status flag (DIOOV)
Global warning bit (GW). The GW bit is a logical OR combination of all warning flags:
•
Thermal warning status flag (TW)
•
VS overvoltage warning status flag (VSOVW)
Fail-safe bit (FS). The FS bit indicates that the device was forced into fail-safe mode due to watchdog failure or
due to FSINB input pin pulled low.
•
Watchdog fault status flag (WDGF)
•
Fail-safe input not status bit (FSIN)
Data-out payload
The Payload (data Byte1 and 2) is the data transferred from the slave device with every SPI communication to the
master device (in-frame-response). The Payload always follows the global status byte.
4.1.4
Address definition
Table 7. Address definition - device application access
Device application access
Operating code
OC1
OC0
0
0
0
1
1
0
Table 8. Address definition - device information read access
Device information read access
Operating code
OC1
OC0
1
1
Table 9. Address definition - RAM access
RAM address
Description
Access
3FH
Advanced Op.
C
3EH
Reserved
None
...
...
...
...
...
...
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 22/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com