Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 1 Page - STMicroelectronics

  L99H92 Datasheet HTML 1Page - STMicroelectronics L99H92 Datasheet HTML 2Page - STMicroelectronics L99H92 Datasheet HTML 3Page - STMicroelectronics L99H92 Datasheet HTML 4Page - STMicroelectronics L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Features
•
AEC-Q100 qualified
•
RoHs compliant device
•
Power supply operating range from 4.51 V to 28 V (gate drivers operative from
5.41 V)
•
3.3 V/5 V compatible I/Os
•
All pins linked to the microcontroller, fail-safe input and VDD are made tolerant
to battery exposure
•
Dual half-bridge driver compatible with standard level threshold NMOSFETs
•
Configurable full-bridge or dual independent half-bridges control
–
Programmable recirculation path in case of full-bridge control
•
Dual stage charge pump supporting 100% PWM duty cycle down to 5.41 V
battery voltage
–
High and low side minimum VGS=6.2 V @ VDH=5.5 V and charge pump
load current (ICPLOAD) equal to 5 mA
–
High and low side minimum VGS=8.2 V @ VDH≥8 V and charge pump
load current (ICPLOAD) equal to 10 mA
•
Charge pump output available for driving an external reverse battery
NMOSFET protection
•
Programmable gate driving current (up to 170 mA) for output voltage slew rate
control
•
Programmable drain-source monitoring for overcurrent protection and
programmable cross-current protection time (dead-time)
•
Open load and output short circuit detection in off-state diagnostic mode
•
SPI for control and diagnosis (ST SPI 4.1)
•
Programmable diagnostic output
•
Two independent current sense amplifiers
–
Low offset with extremely low thermal drift
–
Suitable for high-side, in-line and low–side current sensing
–
Independently programmable gain (10x, 20x, 50x, 100x)
–
Analog output centered at VDD/2 or VDD/22
•
Overtemperature prewarning and shutdown
•
Analog and digital power supply inputs over/undervoltage protections
•
Asynchronous and logic independent fail-safe input to switch off all
the MOSFETs
•
Low quiescent current
•
Support for random HW faults up to ASIL B
Applications
•
Sun-roof
•
Power trunk lift gate
•
Sliding doors
•
Window lift, seat-belt pre-tensioners, etc.
QFN32 5x5
exposed pad
TQFP32 7x7
exposed pad
Product status link
L99H92
Product summary
Order code
L99H92Q5-TR
Package
QFN32
Packing
Tape and reel
Order code
L99H92QF-TR
Package
TQFP32 7x7
Packing
Tape and reel
Half-bridge pre-driver for automotive applications
L99H92
Datasheet
DS14069 - Rev 4 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99H92

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H01 STMICROELECTRONICS-L99H01 Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99H01QFTR STMICROELECTRONICS-L99H01QFTR Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
More results

Similar Description - L99H92

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
Automotive 3ch Half Bridge Driver
logo
Texas Instruments
DRV8702D-Q1 TI1-DRV8702D-Q1 Datasheet
1Mb / 66P
Automotive Half-Bridge Gate Driver
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
Automotive Half-Bridge MOSFET Driver
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
Automotive multi-channel half-bridge driver
logo
Allegro MicroSystems
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
Automotive Half-Bridge MOSFET Driver
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com