Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
1.
G=10 with a differential input of 25 mV to 450 mV
2.
G=20 with a differential input of 12.5 mV to 225 mV
3.
G=50 with a differential input of 5 mV to 90 mV
4.
G=100 with a differential input of 2.5 mV to 45 mV
4. Guaranteed by design for G=10, 20, 50 100
5.9
Fail-safe switch-off input FSINB
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VS ≤ 18 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 31. Fail-safe switch-off input FSINB
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.9.1
VFSINBLTH
Input voltage low
threshold
0.8
V
5.9.2
VFSINBHTH
Input voltage high
threshold
2.0
V
5.9.4
tFSINB_filt
Fail-safe input filter
time
Tested by scan
1
3
µs
5.9.5
RFSINB
Input pull-down
resistance at input
FSINB
50
100
200
kΩ
5.10
Enable
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VS ≤ 18 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 32. Input: ENABLE
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.10.1
VINL
Input voltage low
threshold on EN
0.8
V
5.10.2
VINH
Input voltage high
threshold on EN
2.0
V
5.10.5
IIN
Input pull-down
current on EN
VIN = 5 V VDD=0 V
VS=VDH=0 V
25
45
100
µA
5.11
DIAGN
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VS ≤ 18 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 33. Outputs: DIAGN
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.11.1
VOL
Low-level output
voltage
Iout=4 mA
0.5
V
5.11.2
RDIAGN
Pull-up resistance
at output DIAGN
VDIAGN = 0
10
30
60
kΩ
L99H92
Fail-safe switch-off input FSINB
DS14069 - Rev 4
page 38/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com