Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 16Page - STMicroelectronics L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics L99H92 Datasheet HTML 21Page - STMicroelectronics L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
The first two transmitted bits (MSB, MSB-1) contain the operation code, which represents the command/
instruction that will be performed. The following 6 bits (MSB-2 to MSB-7) represent the address on which the
command/operation will be performed.
The subsequent two bytes contain the payload.
Figure 15. SDI frame
GADG120920221006SA
OC1 OC0
A5
A4
A3
A2
A1
A0
15
14
13
12
11
10
9
7
6
5
4
3
2
1
0
OPCODE
ADDRESS
DATA Byte 2
DATA Byte 1
8
MSB
LSB
time
time
time
23
22
21
20
19
18
17
DATA Byte 3
16
time
Operating code
The operating code is used to distinguish between different commands/operations on registers of the slave
device.
Table 5. Operation codes
OC1
OC0
Description
0
0
Write command
0
1
Read command
1
0
Read & Clear command
1
1
Read device information command
Any Write command (with no parity error, no wrong address and no CLK count error) will modify the content of
the addressed control register with the payload. Besides this, a shift out of the content (data present at
Communication Start) of the addressed register is performed.
A Read command shifts out the data present in the addressed register at Communication Start. The payload
data is ignored, and the data of the addressed register will not be modified. Moreover, a Burst Read can be
performed.
A Read & Clear command (with no parity error, no wrong address and no CLK count error) will lead to a clear of
addressed status bits. The bits to be cleared are defined first by address, second by payload bits set to ‘1’.
Besides this, a shift out of the content (data present at Communication Start) of the register is performed.
Note:
to avoid any loss of any reported status, it is recommended to clear just the status register bits, which are
already reported in the previous communication frame (Selective Bitwise Clear).
Advanced operation codes
Two Advanced Operation Codes can be used to set all control registers to the default value and to clear all status
registers by one single SPI frame respectively.
A ‘set all control registers to default’ command is launched when an SPI frame with OpCode ‘11’ and
address ’111111’ is sent to the device.
A ‘clear all status registers’ command is launched when an SPI frame with OpCode ‘10’ and address’111111’ is
sent to the device.
Data-in payload
The Payload (Data Byte 1 to Data Byte 2) is the data transferred to the device with every SPI communication. The
Payload always follows the OpCode and the Address bits.
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 20/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com