Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 2Page - STMicroelectronics L99H92 Datasheet HTML 3Page - STMicroelectronics L99H92 Datasheet HTML 4Page - STMicroelectronics L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
2
Device description
2.1
Supply pins
The device has three supply input pins:
•
VS is the supply input of the internal regulator that supplies the logic.
•
VDH is the supply input of the charge pump that supplies the gate drivers and the current sense amplifiers
input stage.
•
VDD is the supply input of the I/Os and the current sense amplifiers output stage. This voltage has to be
the same as the application microcontroller supply (for example, 3.3 V or 5 V).
None of the supply input pins are internally protected against negative voltage. The VDD supply input can
withstand a short to battery up to VDD absolute maximum rating as shown in Table 17.
2.1.1
VS overvoltage warning (VSOVW)
When the VS supply input voltage rises above the programmable overvoltage warning threshold (VSOVWT1 for
OVTS=0 or VSOVWT2 for OVTS=1) for a time longer than tovuv_filt, then the corresponding overvoltage warning
flag (VSOVW) is set, and no action is taken.
The overvoltage warning flag VSOVW can be cleared by an SPI “Read & Clear” command only if the VS
overvoltage condition is no longer present, namely if VS<VSOVWT1 or VS<VSOVWT2, depending on the OVTS
control bit value, for a time longer than the corresponding filtering time tovuv_filt.
2.1.2
VDH overvoltage (VDHOV)
When the VDH supply input voltage rises above the programmable overvoltage protection threshold (VDHOVT1
for OVTS=0 or VDHOVT2 for OVTS=1) for a time longer than tovuv_filt, then the corresponding overvoltage flag
(VDHOV) is set, and to protect the application the charge pump is disabled and the external MOSFETs are
switched off. In particular, the LS MOSFETs gate drivers are forced in sink switch mode to switch off actively the
LS MOSFETs with the maximum available current, regardless of the programmed gate discharge current
(SLEWDx control bits), whereas the HS MOSFETs gate drivers are forced in sink switch mode for 32 µs (up to 64
µs) and as long as VCP>VDH+3 V to switch off actively the HS MOSFETs with the maximum available current,
regardless of the programmed gate discharge current. Once the 32 µs (up to 64 µs) are over or VCP<VDH+3 V
the HS MOSFETs gate drivers are disabled leaving just an internal resistive connection (RGSHx) between gate
and source of the MOSFETs. The charge pump is automatically enabled once the VDH falls back below the
overvoltage protection threshold (VDHOVT1 for OVTS=0 or VDHOVT2 for OVTS=1) for a time longer than the
corresponding filtering time tovuv_filt, while the LS MOSFETs gate drivers remain in sink switch mode and the HS
MOSFETs gate drivers remain disabled until the VDHOV flag is cleared.
The overvoltage protection flag VDHOV can be cleared by an SPI “Read & Clear” command only if the VDH
overvoltage condition is no longer present, namely if the foresaid condition that automatically enables the charge
pump is fulfilled.
2.1.3
VDH undervoltage (VDHUV)
When the VDH supply input voltage falls below the undervoltage protection threshold (VDHUV) for a time longer
than tovuv_filt, then the corresponding undervoltage flag (VDHUV) is set, and to protect the external power stage
the external MOSFETs are switched off. In particular, the LS MOSFETs gate drivers are forced in sink switch
mode to switch off actively the LS MOSFETs with the maximum available current, regardless of the programmed
gate discharge current (SLEWDx control bits). The HS MOSFETs gate drivers are forced in sink switch mode, as
long as VCP>VDH+3 V, otherwise the HS MOSFETs gate drivers are disabled and the HS MOSFETs are
passively switched off through the internal resistive connection between gate and source (RGSHx). The gate
drivers come out of forced sink switch mode/disabled mode once the undervoltage flag VDHUV is cleared. The
under-voltage flag VDHUV can be cleared by an SPI “Read & Clear” command only if the VDH undervoltage
condition is no longer present, namely if VDH>VDHUV for a time longer than the corresponding filtering time
tovuv_filt.
L99H92
Device description
DS14069 - Rev 4
page 6/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com