Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 4Page - STMicroelectronics L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
2.4
Thermal warning and thermal shutdown (TW/TSD)
When the device junction temperature rises above the TjTW_ON threshold for a time longer than tfTjTW/TSD, then
the temperature warning flag TW is set and no action is taken. The TW flag can be cleared by an SPI “Read &
Clear” command only if the thermal warning condition is no longer present, namely if Tj< TjTW_OFF for a time
longer than the corresponding filtering time tfTjTW/TSD.
When the junction temperature rises above the TjSD_ON threshold for a time longer than tfTjTW/TSD, then the
thermal shutdown flag TSD is set and the external MOSFETs, together with the charge pump are switched-off to
protect the device. In particular, the LS MOSFETs gate drivers are forced in sink switch mode to switch off actively
the LS MOSFETs with the maximum available current, regardless of the programmed gate discharge current
(SLEWDx control bits). The HS MOSFETs gate drivers are forced in sink switch mode for 32µs (up to 64 µs) and
as long as VCP>VDH+3 V to switch off actively the HS MOSFETs with the maximum available current, regardless
of the programmed gate discharge current. Once the 32 µs (up to 64 µs) are over or VCP<VDH+3 V the HS
MOSFETs gate drivers are disabled leaving just an internal resistive connection between gate and source of the
HS MOSFETs.
The LS gate drivers remain in sink switch mode and the HS gate drivers remain disabled together with the charge
pump until the TSD flag is cleared.
The TSD flag can be cleared by an SPI “Read & Clear” command only if the thermal shutdown condition is no
longer present, namely if Tj< TjSD_OFF for a time longer than the corresponding filtering time tfTjTW/TSD.
2.5
Charge pump (CPOUT)
The dual stage charge pump uses two external flying capacitors, which are switched at the frequency fCP, and
one output capacitor connected between the CPOUT pin and the VDH pin. The output of the charge pump has a
current limitation (ICP_lim). The NRDY status bit indicates that the charge pump is still not ready to provide
enough driving voltage to the gate drivers. This status bit is set during any charge pump startup event because of
the device transition from standby mode to active mode or because of the charge pump being enabled once the
fault condition/flag that disabled the charge pump is no longer present/set. While the NRDY status bit is set the
gate drivers are disabled. The NRDY status bit is automatically cleared once the charge pump output voltage is
no longer below the low voltage threshold (VCP_low) for a time longer than the tCP filtering time. Out of standby
mode and without any fault the charge pump is enabled. In standby mode, after a thermal shutdown event
detection, or in VDH overvoltage condition the charge pump is disabled. To enable the charge pump disabled by a
thermal shut down event detection, the TSD flag has to be cleared. To enable the charge pump disabled by VDH
overvoltage condition, it is enough that the VDH falls back below the overvoltage threshold (VDHOVT1 or
VDHOVT2) for a time longer than the tovuv_filt filtering time.
After the charge pump startup, once the NRDY status bit is cleared, if the charge pump output voltage falls below
the charge pump output voltage low threshold VCP_low for a time longer than tCP, then the CPLOW flag is set and
the external MOSFETs are switched off. In particular, the LS MOSFETs gate drivers are forced in sink switch
mode to switch off actively the LS MOSFETs with the maximum available current, regardless of the programmed
gate discharge current (SLEWDx control bits). The HS MOSFETs gate drivers are forced in sink switch mode as
long as VCP>VDH+3 V, otherwise the HS MOSFETs gate drivers will be disabled and the HS MOSFETs will be
switched off passively through the internal resistive connection between gate and source (RGSHx). If the
CP_LOW_CONFIG control bit is set to one, the CPLOW status flag becomes a status bit (set and reset
automatically) and the gate drivers come out of forced sink switch mode automatically upon recovery from the
charge pump low voltage condition. In this case, the status bit is automatically cleared as soon as the charge
pump output voltage is no longer below the low voltage threshold for a time longer than tCP. If the
CP_LOW_CONFIG control bit is set to zero, the gate drivers come out of forced sink switch mode only once the
charge pump low voltage flag CPLOW is cleared via SPI. The charge pump low voltage flag CPLOW can be
cleared by an SPI “Read & Clear” command only if the charge pump low voltage condition is no longer present,
namely if VCP>VCP_LOW for a time longer than tCP.
To reduce electromagnetic emissions, the charge pump frequency dithering is enabled by default. However, the
dithering can be disabled through the control bit CPFDD.
L99H92
Thermal warning and thermal shutdown (TW/TSD)
DS14069 - Rev 4
page 8/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com