Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 59Page - STMicroelectronics L99H92 Datasheet HTML 60Page - STMicroelectronics L99H92 Datasheet HTML 61Page - STMicroelectronics L99H92 Datasheet HTML 62Page - STMicroelectronics L99H92 Datasheet HTML 63Page - STMicroelectronics L99H92 Datasheet HTML 64Page - STMicroelectronics L99H92 Datasheet HTML 65Page - STMicroelectronics L99H92 Datasheet HTML 66Page - STMicroelectronics L99H92 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
10
Reserved
RES_RW_9
9
RES_RW_8
8
RES_RW_7
Table 67. Reserved bits RESVDO (0x0B) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
RES_RW_6 RES_RW_5 RES_RW_4 RES_RW_3 RES_RW_2
SLEW2
SLEW1
P
Reserved bit Reserved bit Reserved bit Reserved bit Reserved bit
Source and sink gate
current threshold
Source and sink gate
current threshold
Parity bit
Bit
Name
Description
7
RES_RW_6
Reserved
6
RES_RW_5
5
RES_RW_4
4
RES_RW_3
3
RES_RW_2
2
SLEW2
Source and sink gate current threshold configuration for HS and LS in current mode
00 => Higher threshold for source and sink current (typ 170 mA)
11 => Lower threshold for source and sink current (typ 85 mA)
1
SLEW1
0
P
Parity bit
Table 68. Reserved bits RESVDI (0x0C) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
RES
RES
RES
RES
RES
RES_RO_7
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Bit
Name
Description
15
RES
Reserved
14
RES
13
RES
12
RES
11
RES
10
RES
9
RES
8
RES_RO_7
Table 69. Reserved bits RESVDI (0x0C) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES_RO_6
RES_RO_5
RES_RO_4
RES_RO_3
RES_RO_2
RES_RO_1
RES_RO_0
P
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Reserved bit
Parity bit
L99H92
Control registers
DS14069 - Rev 4
page 63/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com