Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics L99H92 Datasheet HTML 46Page - STMicroelectronics L99H92 Datasheet HTML 47Page - STMicroelectronics L99H92 Datasheet HTML 48Page - STMicroelectronics L99H92 Datasheet HTML 49Page - STMicroelectronics L99H92 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Event
Status
register
flag/bit
Global
status
byte bit
Device actions
DIAGN pin behavior
FSINB activation
FSIN
FS
Active switch-off of all external MOSFETs with
maximum available gate current (all gate drivers
forced in sink switch mode). The OUTE control bit
is reset.
Pulled low if DGFSINE
is set
Charge pump not ready
NRDY
DE
The gate drivers are disabled. A passive resistive
connection between gate and source of each
MOSFET is present.
Pulled low if
DGNRDYE is set
Charge pump low
CPLOW
DE
Active switch-off of external LS MOSFETs with
maximum available gate current (LS gate drivers
forced in sink switch mode). Active switch-off of
external HS MOSFETs with maximum available
gate current as long as VCP>VDH+3 V, otherwise
passive/resistive turn off.
Pulled low if
DGCPLOWE is set
Watchdog fault
WDGF
FS
Active switch-off of all external MOSFETs with
maximum available gate current (all gate drivers
forced in sink switch mode).The OUTE control bit is
reset.
Pulled low if
DGWDGFE is set
Digital input/output
overvoltage
DIOOV
DE
Active switch-off of all external MOSFETs with
maximum available gate current (all gate drivers
forced in sink switch mode).
Pulled low if
DGDIOOVE is set
VDS monitoring (Leg x,
HS or LS)
DSHSx
or
DSLSx
FE
For DSMON_CONFIG control bit set to one and
INPMODE control bit set to zero: active switch-off
of all external MOSFETs with maximum available
gate current (all gate drivers forced in sink switch
mode). In all the other cases: active switch-off of
affected leg external MOSFETs with maximum
available gate current (affected leg gate drivers
forced in sink switch mode).
Pulled low if DGDSxE
is set
VS<VSPOR_ON
Followed by
VS>VSPOR_OFF
NA
RSTB
In standby mode the charge pump is switched off
together with the gate drivers, so a passive
resistance between gate and source switches off
the external MOSFETs as well. Once back in active
mode, all the registers are reset to default values,
the charge pump is automatically enabled (no need
to clear the RSTB bit) and the gate drivers are
disabled leaving just a passive resistance between
gate and source of each MOSFET.
By default pulled low
once out of standby
mode and until the
global status byte
RSTB bit is cleared by
any valid SPI
communication frame
VDD<VDDPOR_ON
Followed by
VDD>VDDPOR_OFF
Enable pin pulled low
Followed by
Enable pin pulled high
SPI error (parity bit, write/
read to/from wrong
address, CLK count
error, SDI stuck at, CSN
timeout)
NA
SPIE
The operation linked to the invalid SPI frame is not
run.
Pulled low if DGSPIEE
is set
L99H92
Operating modes
DS14069 - Rev 4
page 46/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com