Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 65Page - STMicroelectronics L99H92 Datasheet HTML 66Page - STMicroelectronics L99H92 Datasheet HTML 67Page - STMicroelectronics L99H92 Datasheet HTML 68Page - STMicroelectronics L99H92 Datasheet HTML 69Page - STMicroelectronics L99H92 Datasheet HTML 70Page - STMicroelectronics L99H92 Datasheet HTML 71Page - STMicroelectronics L99H92 Datasheet HTML 72Page - STMicroelectronics L99H92 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
Table 73. TQFP32L 7x7 mm mechanical data
Ref.
Dimension
Millimeters
Min.
Typ.
Max.
ϕ
0°
3.5°
7°
ϕ1
0°
ϕ2
10°
12°
14°
ϕ3
10°
12°
14°
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
b
0.30
0.37
0.45
b1
0.30
0.35
0.40
c
0.09
0.20
c1
0.09
0.16
D
9.00 BSC
D1
7.00 BSC
D2
VARIATIONS
D3
VARIATIONS
e
0.80 BSC
E
9.00 BSC
E1
7.00 BSC
E2
VARIATIONS
E3
VARIATIONS
L
0.45
0.60
0.75
L1
1.00 REF
N
32
R1
0.08
R2
0.08
0.20
S
0.20
Table 74. Tolerance of form and position
Symbol
Tolerance
aaa
0.20
bbb
0.20
ccc
0.10
ddd
0.10
L99H92
TQFP32L 7x7 mm package information
DS14069 - Rev 4
page 69/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com