Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 15Page - STMicroelectronics L99H92 Datasheet HTML 16Page - STMicroelectronics L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics L99H92 Datasheet HTML 21Page - STMicroelectronics L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
4.1.1
Physical layer
Figure 13. SPI pins description
GADG120920220953SA
4.1.2
Clock and data characteristics
The ST-SPI can be driven by a microcontroller with its SPI peripheral running in the configuration:
•
CPOL = 0
•
CPHA = 0
Figure 14. SPI signal description
GADG120920220954SA
Any communication frame starts with the falling edge of the CSN (Communication Start). CLK has to be low.
The SDI data is then latched at the following rising CLK edges into the internal shift registers.
After Communication Start the SDO leaves 3-state mode and present the MSB of the data shifted out to SDO. At
all following falling CLK edges, data is shifted out through the internal shift registers to SDO.
The communication frame is finished with the rising edge of CSN. If a valid communication took place (for
example, correct number of CLK cycles, access to a valid address, no parity error), the requested operation
according to the operating code will be performed (write or clear operation).
4.1.3
Communication protocol
SDI frame
The device data-in frame consists of 24 bits (OpCode (2 bits) + Address (6 bits) + Data Byte 2 (8 bits) + Data Byte
1 (8 bits)).
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 19/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com