Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
5.12
Watchdog
Table 34. Watchdog
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.12.1
tLOW
Long open window
Tested by scan
52
-
87
ms
5.12.2
tCW
Closed window
Tested by scan
11
-
20
ms
5.12.3
tWDP
Watchdog period
Tested by scan
32
-
54
ms
Figure 19. Watchdog early, late, and safe window
GADG120920221035SA
5.13
SPI electrical characteristics
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VS ≤ 18 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 35. Inputs: CSN, CLK, PWM, DIR, EN and SDI
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.1
VIL
Low-level input
voltage
1.0
V
5.13.2
VIH
High-level input
voltage
2.3
V
5.13.4
ICSN_in
Pull-up resistor CSN
VCSN= 0V
13
29
46
kΩ
5.13.5
ICLK_in
Pull-down current at
input
CLK
VCLK = 1.5 V
5
30
60
μA
5.13.6
ISDI_in
Pull-down current at
input DI
VDI = 1.5 V
5
30
60
μA
5.13.7
IDIR_in
Pull-down current at
input DIR
VDIR = 1.5 V
5
30
60
μA
5.13.8
IPWM_in
Pull-down current at
input
PWM
VPWM = 1.5 V
5
30
60
μA
5.13.10
Cin(1)
Input capacitance at
input
0 V < VDD < 5.3
V
10
15
pF
L99H92
Watchdog
DS14069 - Rev 4
page 39/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com