Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics L99H92 Datasheet HTML 46Page - STMicroelectronics L99H92 Datasheet HTML 47Page - STMicroelectronics L99H92 Datasheet HTML 48Page - STMicroelectronics L99H92 Datasheet HTML 49Page - STMicroelectronics L99H92 Datasheet HTML 50Page - STMicroelectronics L99H92 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
6
SPI registers
6.1
Global status byte GSB
Table 42. Global status byte GSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
1 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
GSBN
RSTB
SPIE
-
FE
DE
GW
FS
Global
status
bit not
ReSeT
bit
SPI error
Reserved bit
Functional error
Device error
Global warning
Fail-safe
Bit
Name
Description
23
GSBN
Global status bit not
The GSBN bit is a logically NOR combination of GSB bits from bit 16 to bit 22.
This bit can also be used as global error flag without starting a complete communication frame as it is
present at SDO after pulling CSN low.
0 = error detected (1 or several GSB bits from 16 to 22 are set)
1 = no error detected
22
RSTB
Reset bit
The RSTB bit indicates that all the device registers have been reset to default. By default it is set to one
coming out from standby mode. It is cleared automatically after any valid SPI communication frame.
21
SPIE
SPI error bit
The SPIE bit indicates errors related to any wrong SPI communication.
•
SPI CLK count error
•
Parity error
•
Read/Write to wrong address
•
SDI stuck at
•
CSN timeout
This bit is visible inside the communication frame following the not valid one. This bit is cleared automatically
by any valid SPI communication frame.
0 = no error (default)
1 = error detected
20
RES
Reserved
19
FE
Functional error bit
The FE bit is a logical OR combination of errors coming from application specific functional blocks.
•
Overcurrent status flags (DSHSx, DSLSx)
0 = no error (default)
1 = error detected
The FE bit is cleared by a Read & Clear command of the overcurrent status flags.
18
DE
Device error bit
The DE bit is a logical OR combination of errors related to the device specific blocks.
•
VDH overvoltage status flag (VDHOV)
•
VDH undervoltage status flag (VDHUV)
•
VDD overvoltage status flag (VDDOV)
•
Thermal shutdown status flag (TSD)
•
Charge pump not ready status bit (NRDY)
•
Charge pump low status flag/bit (CPLOW)
•
Digital input/output over-voltage status flag (DIOOV)
L99H92
SPI registers
DS14069 - Rev 4
page 47/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com