Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 51Page - STMicroelectronics L99H92 Datasheet HTML 52Page - STMicroelectronics L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics L99H92 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
4
CPFDD
Charge pump frequency dithering disable control bit. If this bit is set the charge pump
frequency dithering is disabled, otherwise it is enabled.
3
OVTS
Overvoltage threshold selection control bit. In case this bit is reset, the VS/VDH overvoltage
threshold is set to VSOVWT1/ VDHOVT1, otherwise it is set to VSOVWT2/ VDHOVT2.
2
RES
Reserved
1
RES
Reserved
0
P
Parity
Table 50. Control register GD1CR1 (0x04) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
SLEWC1[4]
SLEWC1[3]
SLEWC1[2]
SLEWC1[1]
SLEWC1[0]
DT1[3]
DT1[2]
DT1[1]
Gate charge current configuration bits
Dead-time configuration bits
Bit
Name
Description
15
SLEWC1[4]
Gate charge current configuration bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
SLEWC1[4:0]=n sets gate charge current to n x IGMAX/31. Setting SLEWC1[4:0]=0
disables gate charge current control and enables gate charging through low impedance
switches.
14
SLEWC1[3]
13
SLEWC1[2]
12
SLEWC1[1]
11
SLEWC1[0]
10
DT1[3]
Dead-time configuration control bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
0000=250ns
0001=500ns
0010=750ns
0011=1000ns
0100=1250ns
…
1110=3750ns
1111=4000ns
9
DT1[2]
8
DT1[1]
Table 51. Control register GD1CR1 (0x04) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
DT1[0]
RES
SLEWD1[4]
SLEWD1[3]
SLEWD1[2]
SLEWD1[1]
SLEWD1[0]
P
Dead-time
configuration
bit
Reserved
bit
Gate discharge current configuration bits
Parity bit
Bit
Name
Description
7
DT1[0]
Dead-time current configuration control bit for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
6
RES
Reserved
5
SLEWD1[4] Gate discharge current configuration bits for the full-bridge (INPMODE=0) or for leg 1
(INPMODE=1).
SLEWD1[4:0]=n sets gate discharge current to n x IGMAX/31. Setting SLEWD1[4:0]=0 disables
gate discharge current control and enables gate discharging through low impedance switches.
4
SLEWD1[3]
3
SLEWD1[2]
L99H92
Control registers
DS14069 - Rev 4
page 55/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com