Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics L99H92 Datasheet HTML 10Page - STMicroelectronics L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Device in active mode with INPMODE=0 (FULL-BRIDGE MODE)
Inputs
Outputs (in case of no faults)
OUTE
bit
AFWE bit
FWS
bit
FSINB
pin
DIR
pin
PWM
pin
HS1
LS1
HS2
LS2
1
1
0
1
x
0
OFF
ON
OFF
ON
1
1
1
1
x
0
ON
OFF
ON
OFF
1
0
0
1
1
0
OFF
ON
OFF
OFF
1
x
x
1
1
1
OFF
ON
ON
OFF
1
0
1
1
1
0
OFF
OFF
ON
OFF
1. In this case, when the FSINB input pin goes from high to low, the device moves from active mode to fail-safe mode. In fail-
safe mode the OUTE control bit is automatically reset and all the gate drivers are forced in sink switch mode so that all the
MOSFETs are actively switched off with the maximum available discharge current.
2. In this case, the MOSFET is passively switched off through the internal resistive connection between gate and related
source. In all the other cases where the MOSFET is off, it is actively switched off and forced off by the gate driver working in
sink switch mode.
•
If INPMODE = 1, the device works in dual half-bridge mode. The two half-bridges can be driven separately
by IN1 and IN2 input pins and can be individually disabled through DIS1 and DIS2 control bits.
Table 3. Dual half-bridge mode
Device in active mode with INPMODE=1 (DUAL HALF-BRIDGE MODE)
Inputs
Outputs (in case of no faults); x=1,2
FSINB
OUTE bit
DISx bit
HSx
LSx
1
1
0
Inx
Inx
1
0
x
OFF(1)
OFF(1)
All the other cases
OFF
OFF
1. In this case, the MOSFET is passively switched off through the internal resistive connection between gate and related
source. In all the other cases where the MOSFET is off, it is actively switched off and forced off by the gate driver working in
sink switch mode.
“Inx” means ON if logic level on Inx pin input is high and vice versa.” Inx” means OFF if logic level on Inx pin input
is high and vice versa (x=1,2).
2.6.2
Slew rate control (SLEW)
The rising and falling voltage slopes at the outputs can be controlled through slew rate control bits. When the
SLEWzx control bits are all set to zero the gate drivers will work in switch mode providing the maximum available
current to charge/discharge the MOSFETs input capacitance. The maximum available source/sink current in
switch mode is internally limited (IGHx(Ch) and IGLx(Ch)). If any value different from zero is programmed, then
the gate drivers will work as current source, instead of low impedance switch, as long as during the MOSFET
turning on/off the drain-source voltage over the MOSFETs is above/below the switch threshold (VDSHxfSW and
VDSHxrSW). Once the switch threshold is reached, the drivers will work in switch mode. The gate drivers source
(charge) and sink (discharge) currents can be independently programmed through dedicated control bits in order
to have different output voltage slopes during the turning on and the turning off of the MOSFETs. The MOSFETs
gate charging current is programmed using the control bits SLEWCx[4:0], while the MOSFETs gate discharging
current is programmed using the control bits SLEWDx[4:0]. The gate current is set depending on the SLEWzx
control bits value according to the formula:
IGATE=SLEWzx4:031*IGATEMAX
(1)
SLEWzx can be either SLEWDx or SLEWCx, while IGATEMAX can be either IGLxymax or IGHxymax (y=r for source
current; y=f for sink current).
Programming SLEWzx[4:0] to 0 disables the slew rate control and enables gate driving through the low-
impedance switch during the entire turning on/off process.
L99H92
Gate drivers
DS14069 - Rev 4
page 10/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com