Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
5.3
Thermal data
Table 19. Thermal operating range
Item
Symbol
Parameter
Value
Unit
5.3.1
TJ
Operating junction temperature
-40 to 150
°C
5.3.2
Tstg
Storage temperature
-55 to 150
°C
Table 20. Temperature warning and thermal shutdown
Item
Symbol
Parameter
Min.
Typ.
Max.
Unit
5.3.3
TjTW_ON
Junction
temperature
thermal warning
threshold
TJ increasing
140
150
165
°C
5.3.4
TjTW_OFF
TJ decreasing
135
145
160
°C
5.3.5
TjSD_ON
Junction
temperature
thermal shutdown
threshold
TJ increasing
170
180
190
°C
5.3.6
TjSD_OFF
TJ decreasing
160
170
185
°C
5.3.7
tfTjTW/TSD
Temperature
warning/ shutdown
filtering time
Tested by scan
24
43
µs
Note:
Those parameters are guaranteed at hot only
Table 21. Packages thermal resistance
Item
Symbol
Parameter
Value
Unit
QFN32
TQFP32
5.3.8
Rthj-amb(1)(2)
Thermal resistance junction ambient
28.5
26
°C/W
5.3.9
Rthj-case(3)
Thermal resistance junction to case
7.5
5.0
°C/W
1. The parameter is retrieved according to JEDEC 51.2 referring to thermal testing method in still air .
2. PCB designed according to JEDEC 51.7 referring to high effective thermal conductivity test board. The values quoted are
for PCB 129 mm x 60 mm x 1.6 mm, FR4, 4 layers; Copper thickness 0.070 mm, thermal vias separation 1.2 mm, Thermal
via diameter 0.3 mm +/- 0.08 mm, Cu thickness on vias 0.025 mm. QFN32 footprint dimensions are 3.5 mm x 3.5 mm.
TQFP32 footprint dimensions are 5 mm x 5 mm.
3. The Rthj-case is retrieved according to MIL-STD-883E referring to thermal testing method.
5.4
Electrical characteristics
For an efficient and easy tracking, numbering has been added to each electrical parameter.
Device features are split into categories (see Table 22), and each of them is represented by a letter (A, B, C, etc.);
all parameters are completely identified by a letter and a three-digit number (for example, B.125, C.096…) for
their whole lifetime.
New inserted parameters continue with the numbering of the related category, no matter of where they are
placed.
To facilitate insertion, the last number inserted for each category is also reported in the second column of the
table.
Table 22. Electrical parameters numbering
Category
Parameters numbering
Last inserted
Analog I/O
A.xxx
-
L99H92
Thermal data
DS14069 - Rev 4
page 28/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com