Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.8.12
Input offset
VIO3
GCSAn [1:0]=3 n=1,2;
VDH=12.5 V
VO0
-3
+3
mV
5.8.26
VIO0_VDD_
2
GCSAn [1:0]=0 n=1,2;
VDH=12.5 V
VO1
-9
+9
mV
5.8.27
VIO1_VDD_
2
GCSAn [1:0]=1 n=1,2;
VDH=12.5 V
VO1
-7
+7
mV
5.8.28
VIO2_VDD_
2
GCSAn [1:0]=2 n=1,2;
VDH=12.5V
VO1
-2.6
+2.6
mv
5.8.29
VIO3_VDD_
2
GCSAn [1:0]=3 n=1,2;
VDH=12.5 V
VO0
-2.6
+2.6
mV
5.8.13
dVIO/dT
Thermal drift of input
offset
GCSAn [1:0]=0,1
n=1,2; VDH=12.5V
-20
4(1)
20(1)
µV/K
GCSAn [1:0]=2,3
n=1,2; VDH=12.5 V
-10
2(1)
10(1)
5.8.14
CMRR
Common mode
rejection ratio
VDH=12.5 V
(20 kHz)
≥85(1)
≥90(1)
dB
5.8.15
PSRR
Power supply rejection
ratio (2)
VDH=12.5 V
(20 kHz )
≥85(1)
≥90(1)
dB
5.8.16
VCSOH
High output voltage
IOUT = 2 mA
VDD-0.35
V
5.8.17
IOUT= 200 μA
VDD-0.1
VDD-0.04
V
5.8.18
VCSOL
Low output voltage
IOUT = 2 mA
200
350
mV
5.8.19
IOUT= 200 μA
40
70
mV
5.8.20
tSETTLE(1)
(3)
2% settling time
100 mV differential
input, GCSAn [1:0]=1,
CSAnOO = 0, RC filter:
R=1 kΩ; C= 220 pF
2
µs
5.8.21
BW(1)
Bandwidth
GCSAn [1:0]=1; n=1,2
(G=20)
RC filter: R=1 kΩ; C=
220 pF
0.8
MHz
5.8.22
trecovery
G01
+/-5% recovery time
(G=10, 20, 50)
1V down to 0.4xVDD/
GCSA for CSAnOO =1
RC filter: R=1 kΩ; C=
220 pF
2(4)
µs
5.8.24
+/-5% recovery time
(G=100)
3(4)
5.8.23
trecovery
G00
+/-5% recovery time
(G=10, 20, 50)
1V down to
0.04xVDD/GCSA for
CSAnOO =0
RC filter: R=1 kΩ; C=
220 pF
2(4)
µs
5.8.25
+/-5% recovery time
(G=100)
3(4)
1. Guaranteed by design, not tested in production
2.
PSRR=20log∆VS*GDIFF
∆VOUT =20log∆VS∆VIN
3. tSETTLE is guaranteed by design for the following gains:
L99H92
Current sense amplifiers (CSA)
DS14069 - Rev 4
page 37/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com