Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 37Page - STMicroelectronics L99H92 Datasheet HTML 38Page - STMicroelectronics L99H92 Datasheet HTML 39Page - STMicroelectronics L99H92 Datasheet HTML 40Page - STMicroelectronics L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.28
ten SDO tri H
SDO enable time from
CSN falling edge: 3-state
to high level on SDO
CL = 50 pF; Iload
= +1 mA; pull-
down load to VDD
-
50
200
ns
5.13.29
tdis SDO H tri
From CSN rising with DO
at high level to 3-states
measured at 0.3 VDD
CL = 50 pF; Iload
= -1 mA; pull-down
load to GND
-
50
100
ns
5.13.30
td SDO
SDO delay time
VSDO < 0.3 VDD;
VSDO > 0.7 VDD;
CL = 50 pF
-
30
60
ns
1. Guaranteed by design.
Table 39. CSN timing
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.13.31
tCSN_HI, min
Minimum CSN high
time, active mode
Transfer of SPI-
command to input
register
6
μs
5.13.32
tCSNfail
CSN low timeout
Tested by scan
20
35
50
ms
Figure 20. SPI transfer timing diagram
GADG120920221042SA
The SPI can be driven by a microcontroller with its SPI peripheral running in the mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is changed
from the high to low transition of CLK.
L99H92
SPI electrical characteristics
DS14069 - Rev 4
page 41/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com