Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 41Page - STMicroelectronics L99H92 Datasheet HTML 42Page - STMicroelectronics L99H92 Datasheet HTML 43Page - STMicroelectronics L99H92 Datasheet HTML 44Page - STMicroelectronics L99H92 Datasheet HTML 45Page - STMicroelectronics L99H92 Datasheet HTML 46Page - STMicroelectronics L99H92 Datasheet HTML 47Page - STMicroelectronics L99H92 Datasheet HTML 48Page - STMicroelectronics L99H92 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
5.15
Operating modes
Figure 25. Operating modes
GADG120920221140SA
Active
mode
Standby
mode
Fail-safe
mode
EN low or VDD≤VDDPOR_ON
or VS≤VSPOR_ON
Charge pump OFF
Registers content lost
Gate drivers off
Charge pump ON
Gate drivers forced in sink switch mode
OUTE control bit reset and forced to zero
EN high,
VDD>VDDPOR_OFF,
VS>VSPOR_OFF
FSINB pin high with
FSIN_HS1=FSIN_LS1=
FSIN_HS2=FSIN_LS2 = 0
(FSIN status bit reset to 0),
WDGF status flag set to 0
FSINB pin low (FSIN status bit set to 1
or WDGF status flag set to 1
OUTE = 0,
OLH1L2 = 1 and/or OLH2L1=1
(note)
Off state
diagnostic
mode
OUTE = 1 or
OLH1L2 = OLH2L1=0
Charge pump ON,
Gate driver OFF
Active mode includes
faulty states. Gate
drivers and charge
pump are ON/OFF
according to the
diagnostic table
EN low or VDD≤VDDPOR_ON
or VS≤VSPOR_ON
EN low or VDD≤VDDPOR_ON
or VS≤VSPOR_ON
Note:
To achieve the device minimum current consumption in standby mode, the EN pin has to be pulled low.
Table 41. Diagnostic table
Event
Status
register
flag/bit
Global
status
byte bit
Device actions
DIAGN pin behavior
VDH overvoltage
VDHOV
DE
Active switch-off of external LS MOSFETs with
maximum available gate current (LS gate drivers
forced in sink switch mode). Active switch-off of
external HS MOSFETs with maximum available
gate current for 32 µs up to 64 µs and as long as
VCP>VDH+3 V, followed by passive/resistive turn
off. Charge-pump switched off
Pulled low if
DGVDHOVE is set
VDH undervoltage
VDHUV
DE
Active switch-off of external LS MOSFETs with
maximum available gate current (LS gate drivers
forced in sink switch mode). Active switch-off of
external HS MOSFETs with maximum available
gate current as long as VCP>VDH+3V, otherwise
passive/resistive turn off.
Pulled low if
DGVDHUVE is set
VS overvoltage Warning
VSOVW
GW
None
Pulled low if
DGVSOVWE is set
VDD overvoltage
VDDOV
DE
Active switch-off of all external MOSFETs with
maximum available gate current (all gate drivers
forced in sink switch mode).
Pulled low if
DGVDDOVE is set
Thermal warning
TW
GW
None
Pulled low if DGTWE is
set
Thermal shutdown
TSD
DE
Active switch-off of external LS MOSFETs with
maximum available gate current (LS gate drivers
forced in sink switch mode). Active switch-off of
external HS MOSFETs with maximum available
gate current for 32 µs up to 64µs and as long as
VCP>VDH+3 V, followed by passive/resistive turn
off. Charge-pump switched off.
Pulled low if DGTSDE
is set
L99H92
Operating modes
DS14069 - Rev 4
page 45/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com