Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 4 Page - STMicroelectronics

  L99H92 Datasheet HTML 1Page - STMicroelectronics L99H92 Datasheet HTML 2Page - STMicroelectronics L99H92 Datasheet HTML 3Page - STMicroelectronics L99H92 Datasheet HTML 4Page - STMicroelectronics L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Figure 3. Pinout - QFN 32
GADG120920221236SA
1
32
CSI2+
EN
CP2+
DIAGN
CSO1
CSO2
CSI1+
CSI1-
CSI2-
FSINB
CP1-
VS
VDH
CP2-
CP1+
CPOUT
1.3
Pins description
Table 1. Pin definitions and functions
Pin
Name
Description
1
VDH
High-side drain connection
2
CP2-
Charge pump stage 2 negative connection
3
CP2+
Charge pump stage 2 positive connection
4
CPOUT
Charge pump output
5
CP1+
Charge pump stage 1 positive connection
6
CP1-
Charge pump stage 1 negative connection
7
FSINB
Fail-safe input not
8
VS
Power supply input
9
GND
Ground connection
10
VDD
3.3 V/5 V supply for I/Os and current sense amplifiers output stage
11
PWM/IN1
PWM input or leg 1 input
12
DIR/IN2
Direction input or leg 2 input
13
SDO
SPI serial data output
14
CSN
SPI chip select not
15
CLK
SPI serial clock
16
SDI
SPI serial data input
17
DIAGN
Diagnostic output not
18
CSO2
Current sense amplifier 2 output
19
CSO1
Current sense amplifier 1 output
20
EN
Enable input
21
CSI1+
Current sense amplifier 1 positive input
22
CSI1-
Current sense amplifier 1 negative input
L99H92
Pins description
DS14069 - Rev 4
page 4/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com