Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Category
Parameters numbering
Last inserted
Digital I/O
B.xxx
-
Voltage regulators
C.xxx
-
Outputs
D.xxx
-
Transceivers
E.xxx
-
Others
F.xxx
-
Due to these rules and taking into account that deleted parameter numbers will be no more reassigned,
numbering inside each category may be not sequential.
The voltages are referred to the power ground and currents are assumed positive, when the current flows into the
pin. 6 V ≤ VS ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
5.4.1
Supply, supply monitoring
The voltages are referred to ground and currents are assumed positive when the current flows into the pin. 6 V ≤
VS ≤ 28 V; 6 V ≤ VDH ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 23. Operating range
Item
Symbol
Parameter
Min.
Typ.
Max.
Unit
5.4.2
VDH(1)
High-side drain voltage
6(1)
-
28
V
5.4.3
VS
Battery supply voltage
4.51
-
28
V
5.4.4
VDD
I/O supply voltage, CSA supply voltage
3
-
5.5
V
5.4.5
TJ
Operating junction temperature
-40
-
150
°C
1. Device functionalities are guaranteed down to VDH=5.5V although some electrical parameters may deviate from the limits
specified
Table 24. Supply, supply monitoring
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
5.4.6
VDHUV
VDH undervoltage threshold
VDH increasing / decreasing 4.7
5.4
V
5.4.7
VDHUV_hyst
VDH undervoltage hysteresis
0.04 0.1
0.25
V
5.4.8
VSOVWT1
VS overvoltage warning threshold 1
VS increasing
19.5
22.5
V
5.4.9
VS decreasing
18
22
5.4.11
VSOVWT2
VS overvoltage warning threshold 2
VS increasing
28.1
32.5
V
5.4.12
VS decreasing
28
32
5.4.14
VDHOVT1
VDH overvoltage threshold 1
VDH increasing
19.5
22.5
V
5.4.15
VDH decreasing
18
22
5.4.17
VDHOVT2
VDH overvoltage threshold 2
VDH increasing
28.1
32.5
V
5.4.18
VDH decreasing
28
32
5.4.20
tovuv_filt
VS/VDH/VDD/DIO over/undervoltage filtering
time
Tested by scan
50
96
μs
5.4.21
VDDOV
Overvoltage threshold on VDD
5.3
5.9
V
5.4.22 VDdhyst_OV
VDD overvoltage hysteresis
0.04 0.1
0.25
V
5.4.23
VDIOOV
Overvoltage threshold on digital input/output
pins
5.45
6.5
V
5.4.24 VDIOhyst_OV
VDIO overvoltage hysteresis
0.05
0.25
V
L99H92
Electrical characteristics
DS14069 - Rev 4
page 29/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com