Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics L99H92 Datasheet HTML 58Page - STMicroelectronics L99H92 Datasheet HTML 59Page - STMicroelectronics L99H92 Datasheet HTML 60Page - STMicroelectronics L99H92 Datasheet HTML 61Page - STMicroelectronics L99H92 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Table 56. Control register GD2CR2 (0x07) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R)
RES
RES
RES
RES
DSMON2[2]
DSMON2[1]
DSMON2[0]
RES
Reserved
bit
Reserved bit Reserved bit
Reserved bit
VDS monitoring threshold configuration bits
Reserved bit
Bit
Name
Description
15
RES
Reserved
14
RES
13
RES
12
RES
11
DSMON2[2] VDS monitoring threshold configuration control bits for the leg 2 in case INPMODE are set. These
bits have no effect if INPMODE is reset.
000=0.075V
001=0.15V
010=0.25V
011=0.4V
100=0.6V
101=0.8V
110=1V
111=1.2V
10
DSMON2[1]
9
DSMON2[0]
8
RES
Table 57. Control register GD2CR2 (0x07) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
0 (R/W)
0 (R)
0 (R/W)
0 (R/W)
0 (R)
DSBT2[2] DSBT2[1]
DSBT2[0]
RES
FT2[1]
FT2[0]
RES
P
VDS monitoring blanking time
configuration bits
Reserved bit
VDS monitoring filter time
configuration bits
Reserved bit
Parity bit
Bit
Name
Description
7
DSBT2[2] VDS monitoring blanking time configuration control bits for the leg 2 in case INPMODE are set. These
bits have no effect if INPMODE is reset.
Blanking time in µs = DSBT2[2:0] + 1 (min= 1 µs, max= 8 µs)
6
DSBT2[1]
5
DSBT2[0]
4
RES
Reserved
3
FT2[1]
VDS monitoring filtering time configuration control bits for the leg 2 in case INPMODE are set. These
bits have no effect if INPMODE is reset.
Filter time in µs = (FT2[1:0] + 1)*1.5 (min= 1.5 µs, max= 6 µs)
2
FT2[0]
1
RES
Reserved
0
P
Parity bit
Table 58. Control register CSCR (0x08) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R/W)
0 (R/W)
0 (R)
0 (R/W)
0 (R)
0 (R/W)
0 (R)
RES
GCSA1[1]
GCSA1[0]
RES
DCSA1
RES
CSA1OO
RES
L99H92
Control registers
DS14069 - Rev 4
page 58/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com