Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 21Page - STMicroelectronics L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
The SPI Burst Read bit indicates whether the burst read mode is available or not. The Burst Read can be used to
perform a device internal memory dump to the SPI Master.
The start of the Burst Read is like a normal Read Operation. The difference is that after the SPI Data Length the
CSN is not pulled high and the CLK will be continuously clocked. When the normal CLK max count is reached
(SPI data length) the consecutive addressed data is latched into the shift register. This procedure is performed
every time the CLK payload length is reached.
In case the automatically incremented address is not used by the device, undefined data is shifted out. An
automatic address overflow is implemented when address 3FH is reached.
The SPI Burst Read is limited by the CSN low timeout.
SPI data length
The SPI Data Length value indicates the length of the CLK count monitor which is running for all accesses to the
Device Registers. Any communication frame with a CLK count not equal to the reported one will trigger an SPI
error and the corresponding command/operation will be ignored.
Table 14. SPI data length
Bit 6
Bit 5
Bit 4
Description
DL2
DL1
DL0
0
0
0
invalid
0
0
1
16-bit SPI
0
1
0
24-bit SPI
0
1
1
32-bit SPI
…
1
1
1
64-bit SPI
Data consistency check (parity/CRC)
Table 15. Data consistency check
Bit 1
Bit 0
Description
S1
S0
0
0
not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
Watchdog identification registers
The <WD Type 1> and <WD Type 2> ROM registers are defined as follows:
Table 16. WD type ROM registers
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WD1
WD0
<WD type 1>
0
1
WT5
WT4
WT3
WT2
WT1
WT0
Watchdog timeout/long open window WT[5:0] * 5 ms
<WD type 2>
1
0
OW1
OW0
CW3
CW2
CW1
CW0
Open window OW[1:0] *5 ms
Closed window CW[3:0] * 5 ms
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 25/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com