Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
5.4.25
IDH
Current consumption in active mode
VDH = 13 V; VDD = 5 V;
Active mode; outputs
floating
4.5
7.5
8.7
mA
5.4.26
VDH = 6 V to 28 V;
VDD = 5.0 V; active
mode; outputs floating
2.5
10
mA
5.4.27
IDHq
VDH quiescent supply current
VDH = 13 V; VDD = 0 V;
Standby mode;
Ttest = -40°C, 25°C;
Outputs floating
5
μA
5.4.28
Is
Current consumption in active mode
VS = 13 V; VDD = 5 V;
Active mode; outputs
floating
3.5
mA
VS = 6 V to 28 V;
VDD = 5.0 V; active
mode; outputs floating
5
5.4.29
ISq
VS quiescent supply current
VS = 13 V; VDD = 0 V;
Standby mode;
Ttest = -40°C, 25°C;
Outputs floating
5
μA
5.4.30
IDD
VDD DC supply current
VS = 13 V; VDD = 5 V;
active mode
4
4.5
mA
5.4.31
IDDq
VDD quiescent supply current
VDD = 5 V; standby
Mode Ttest=125°C
12
18
μA
VDD = 5 V; standby
Mode Ttest= 25°C
14
5.4.2
Power-on reset
Table 25. Power-on reset
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.4.33
VDDPOR_OFF
Power-on reset
threshold on VDD
VDD increasing
2.2
2.55
2.85
V
5.4.34
VDDPOR_ON
Power-on reset
threshold on VDD
VDD decreasing
2.0
2.25
2.6
V
5.4.35
VSPOR_OFF
Power-on reset
threshold on VS
VS increasing
3.45
4.5
V
5.4.36
VSPOR_ON
Power-on reset
threshold on VS
VS decreasing
2.3
3.55
V
5.5
Charge pump
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V ≤
VDH ≤ 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
L99H92
Charge pump
DS14069 - Rev 4
page 30/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com