Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 11Page - STMicroelectronics L99H92 Datasheet HTML 12Page - STMicroelectronics L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics L99H92 Datasheet HTML 15Page - STMicroelectronics L99H92 Datasheet HTML 16Page - STMicroelectronics L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
2.8
Fail-safe output switch-off input not pin (FSINB)
The L99H92 features an asynchronous, logic independent fail-safe input pin working as a redundant switch-off
path for all MOSFETs. The fail-safe input not pin (FSINB), active low, has an internal pull-down resistance
RFSINB. As soon as the FSINB pin falls below the VFSINBLTH threshold for a time longer than tFSINB_filt, the
FSINLL status bit together with the FSIN status bit are set and the device is put in fail-safe mode. In fail-safe
mode the OUTE control bit is reset and the gate drivers are forced in sink switch mode to switch off actively all the
MOSFETs with the maximum available current, regardless of the programmed gate discharge current (SLEWDx
control bits). As long as the FSINB input pin is low, the gate drivers are forced in sink switch mode and the OUTE
control bit is forced to zero. For functional safety reasons, the FSINHS1,2 and the FSINLS1,2, status bits indicate
whether the HS1,2 and the LS1,2, gate drivers have been put successfully in sink switch mode or not, because of
the FSINB pin pulled low. Once the FSINB pin has been pulled low, in order to reactivate again the gate drivers
that are forced in sink switch mode, the FSINB pin has to rise above the VFSINHTH threshold for a time longer
than the filtering time. All the FSINHSx and the FSINLSx status bits have to go back to zero (indicating that all the
gate drivers came out of forced sink switch mode and making the device come out of fail-safe mode) and then the
OUTE control bit has to be set back to one via SPI. In case where at least one of the status bits FSINHSx or
FSINLSx remains set, indicating that at least one gate driver did not come out of forced sink switch mode, the
device remains in fail-safe mode. With the FSINB pin high and the OUTE control bit reset, the gate drivers are
disabled, leaving just a resistive link between gate and source of each MOSFET.
The FSINB input pin status can be read, but not cleared, through FSINLL status bit. The FSIN status bit, linked to
the global status byte fail-safe bit (FS), is the logical OR of the following status bits: FSINLL, FSINHS1, FSINLS1,
FSINHS2, and FSINLS2. The fail-safe input pin acts just on the gate drivers and on the OUTE control bit.
2.9
Diagnostic not output (DIAGN)
The microcontroller can use the DIAGnostic not (DIAGN) output pin, active low, to detect a device fault, including
a device power-on-reset event. The purpose of the DIAGN output pin is to warn immediately the microcontroller
that a new fault has been detected by the device, without the need of periodic SPI transfers. The DIAGN output
pin has an internal weak pull-up resistance (RDIAGN). The logic level signal at the pin is the logical NOR
combination of all the status flags and status bits linked to the pin through the DIAGCR control register, together
with the global status byte RSTB bit. Once the device comes out of standby mode, the DIAGN pin is pulled low
because of the global status byte RSTB bit. If just the global status byte RSTB bit is set, any valid SPI
communication frame clears the RSTB bit pulling up the DIAGN pin. Any read access to the DSR1 register resets
this signal to high level, until an error coming from a new source occurs pulling again the pin low. If a fault coming
from a new error source occurs during the read access to the DSR1 register, the DIAGN output pin remains low
(this avoids any loss of information since the new error source status flag/bit will not be reported by the
concomitant read access, but a new read access would be required). Even if a read operation of the status
register should always come before a Read & Clear operation, any Read & Clear operation of status register
DSR1 will pull the DIAGN pin high. If a new source of fault triggers an error during the Read & Clear access to the
DSR1 register, the Read & clear operation will not pull the DIAGN pin high at the CSN rising edge of the DSR1
register Read & Clear operation (this will avoid any loss of information since the new error source status flag/bit
will not be reported by the concomitant Read & Clear access, but a new read or Read & Clear access would be
required).
2.10
Current monitors
The current sense amplifiers (CSA1 and CSA2) are designed for current sensing in automotive applications. They
are independent, bidirectional, single-supply differential amplifiers with a wide input common mode voltage range
(VICM). They support high-side current sensing, low side-current sensing and in-line current sensing through two
sensing resistors.
A gain of 100, 50, 20 or 10 is independently SPI programmable for each CSA. Since the CSAs have a trans-
conductance input stage, input series resistors (for filtering etc.) should not exceed 50 Ω to keep the additional
gain error below 1%.
The CSO outputs are compliant to the VDD power supply rail and have a programmable offset set by CSA1OO
and CSA2OO control bits. If these bits are reset, the output offset is set to VO0, otherwise it is set to VO1. The
current sense amplifiers input stage is supplied by the charge pump. When the charge pump is disabled, the
CSAs is disabled as well.
By default, both current sense amplifiers are enabled. To reduce current consumption both of them can be
disabled independently through control bits DCSA1 and DCSA2.
L99H92
Fail-safe output switch-off input not pin (FSINB)
DS14069 - Rev 4
page 15/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com