Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 49Page - STMicroelectronics L99H92 Datasheet HTML 50Page - STMicroelectronics L99H92 Datasheet HTML 51Page - STMicroelectronics L99H92 Datasheet HTML 52Page - STMicroelectronics L99H92 Datasheet HTML 53Page - STMicroelectronics L99H92 Datasheet HTML 54Page - STMicroelectronics L99H92 Datasheet HTML 55Page - STMicroelectronics L99H92 Datasheet HTML 56Page - STMicroelectronics L99H92 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
Table 47. Status register DSR2 (0x02) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
FSINLS2
RES
RES
RES
O1DS
RES
O2DS
P
Fail-safe
input not
effect on
LS2 bit
Reserved
bit
Reserved bit
Reserved bit
Output 1
digital status
bit
Reserved bit
Output 2
digital status
bit
Parity bit
Bit
Name
Description
7
FSINLS2
Fail-safe input not effect on LS2 bit. This bit indicates whether the LS2 gate driver is configured in sink
switch mode (FSINLS2=1) because of the FSINLL set to one or not (FSINLS2=0). In case of no faults
the FSINLS2 bit should be automatically set once the FSINLL is set and automatically reset once the
FSINLL is reset. It is a read only bit, so it cannot be cleared by SPI.
6
RES
Reserved
5
RES
Reserved
4
RES
Reserved
3
O1DS
Output 1 digital status bit. This bit provides the SH1 output logic level respect to the programmed
threshold in any operating conditions, no matter what the OUTE value is.
When OUTE=0, this bit reflects the not filtered output of the LS1 off-state diagnostic comparator
having the programmed OLTHH threshold.
When OUTE=1, this bit reflects the not filtered output of the LS1 DSMonitoring comparator having the
programmed VSCdx threshold.
2
RES
Reserved
1
O2DS
Output 2 digital status bit. This bit provides the SH2 output logic level respect to the programmed
threshold in any operating conditions, no matter what the OUTE value is.
When OUTE=0, this bit reflects the not filtered output of the LS2 off-state diagnostic comparator
having the programmed OLTHH threshold.
When OUTE=1, this bit reflects the not filtered output of the LS2 DSMonitoring comparator having the
programmed VSCdx threshold.
0
P
Parity bit
6.4
Control registers
Table 48. Control register DCR (0x03) MSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)(1)
0 (R/W)(2)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
INPMODE
OUTE
AFWE
FWS
DIS1
DIS2
DSMON_CONFIG
OLH1L2
Input
mode
selection
bit
Outputs enable bit
Active free-
wheeling
enable bit
Free-
wheeling
selection bit
Disable
leg1 bit
Disable
leg2 bit
DSMonitoring
configuration bit
Open load
in off-state
bit
Bit
Name
Description
15
INPMODE
Input mode selection control bit: full-bridge mode (reset) or dual half-bridge mode (set). This
bit can be modified only when OUTE is reset, otherwise its value is frozen and it cannot be
changed.
L99H92
Control registers
DS14069 - Rev 4
page 53/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com