Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 2 Page - STMicroelectronics

  L99H92 Datasheet HTML 1Page - STMicroelectronics L99H92 Datasheet HTML 2Page - STMicroelectronics L99H92 Datasheet HTML 3Page - STMicroelectronics L99H92 Datasheet HTML 4Page - STMicroelectronics L99H92 Datasheet HTML 5Page - STMicroelectronics L99H92 Datasheet HTML 6Page - STMicroelectronics L99H92 Datasheet HTML 7Page - STMicroelectronics L99H92 Datasheet HTML 8Page - STMicroelectronics L99H92 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
•
Electric park brake system
Description
The L99H92 is designed to drive 4 external N-channel MOSFET transistors in single H-bridge or dual
independent half bridge configuration for DC-motor control in automotive applications. Two free configurable
current sense amplifiers are integrated.
The device has a low power mode (standby mode) where the current consumption is less than 5 µA.
Programmable gate driving current allows minimizing EMI. Each gate driver monitors independently its external
MOSFET drain-source voltage for fault conditions.
Programmable cross current protection time avoids concurrency of high side and low side activation for each half
bridge.
Two off-state diagnostic comparators detect potential short to ground, short to battery or open load conditions.
The integrated standard serial peripheral interface (SPI) controls the device and provides diagnostic information.
An additional DIAGN output pin alerts the microcontrollers of a fault occurred into the device faster than the SPI
communication.
The L99H92 device implements diagnostic and protection features such as supply voltage monitoring, charge
pump voltage monitoring, overcurrent protection, temperature warning and overtemperature shutdown.
The devices are hosted in a TQFP32 and a QFN32 package both with exposed pad. QFN32 has wettable flanks
for easy visual inspection of the solder joint.
L99H92
DS14069 - Rev 4
page 2/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com