Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 13Page - STMicroelectronics L99H92 Datasheet HTML 14Page - STMicroelectronics L99H92 Datasheet HTML 15Page - STMicroelectronics L99H92 Datasheet HTML 16Page - STMicroelectronics L99H92 Datasheet HTML 17Page - STMicroelectronics L99H92 Datasheet HTML 18Page - STMicroelectronics L99H92 Datasheet HTML 19Page - STMicroelectronics L99H92 Datasheet HTML 20Page - STMicroelectronics L99H92 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
3
Application
Figure 12. Application schematic
GADG120920220948SA
CLK
CPOUT
CP1-
CP1+
CP2-
CP2+
VS
VDD
GND
Charge
Pump
~ 220nF
~ 220nF
~ 220nF
VBAT
10k
VProtected
CSI1+
2 x
GL(1/2)
GH(1/2)
SH(1/2)
PWM/IN1
70
M
70
H-Bridge
STL64N4F7AG
CSI1-
µC
(output)
DIR/IN2
CSI2+
CSI2-
VProtected
CSO1
CSO2
SDI
SDO
CSN
DIAGN
EN
FSINB
VDH
LINEAR LDO
e.g. L99VR0x
3V3/5V
µC
SL(1/2)
+
+
-
-
Programmable gain:
10/20/50/100
Differential
Current
Sense
Amplifier
Internal
Regulator
33nF
ESD Protection
for ECU
STTH102AY
1µF
L99H92
Application
DS14069 - Rev 4
page 17/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com