Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics L99H92 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.6.22 VDSHxfSW
Switching voltage (VDH-
VSH) between switch
mode and current mode
(falling)
VDH = 13.5 V
0.85
1.14
1.45
V
5.6.23
tGHxr
Rise time (switch mode)
VDH = 13.5 V; VSHx = 0; RG = 0 Ω; CG =
4.7 nF
20
115
200
ns
5.6.24
tGHxf
Fall time (switch mode)
VDH = 13.5 V; VSHx = 0; RG = 0 Ω; CG =
4.7 nF
60
160
200
ns
5.6.25
tGLxr
Rise time
VDH = 13.5 V; VSLx = 0; RG = 0 Ω; CG =
4.7 nF
20
115
200
ns
5.6.26
tGLxf
Fall time
VDH = 13.5 V; VSLx = 0; RG = 0 Ω; CG =
4.7 nF
60
160
200
ns
5.6.27
tDT0000
Programmable cross-
current protection time
Tested by scan
250
ns
5.6.28
tDT0001
Programmable cross-
current protection time
Tested by scan
500
ns
5.6.29
tDT0010
Programmable cross-
current protection time
Tested by scan
750
ns
5.6.30
tDT0011
Programmable cross-
current protection time
Tested by scan
1000
ns
5.6.31
tDT0100
Programmable cross-
current protection time
Tested by scan
1250
ns
5.6.32
tDT0101
Programmable cross-
current protection time
Tested by scan
1500
ns
5.6.33
tDT0110
Programmable cross-
current protection time
Tested by scan
1750
ns
5.6.34
tDT0111
Programmable cross-
current protection time
Tested by scan
2000
ns
5.6.35
tDT1000
Programmable cross-
current protection time
Tested by scan
2250
ns
5.6.36
tDT1001
Programmable cross-
current protection time
Tested by scan
2500
ns
5.6.37
tDT1010
Programmable cross-
current protection time
Tested by scan
2750
ns
5.6.38
tDT1011
Programmable cross-
current protection time
Tested by scan
3000
ns
5.6.39
tDT1100
Programmable cross-
current protection time
Tested by scan
3250
ns
5.6.40
tDT1101
Programmable cross-
current protection time
Tested by scan
3500
ns
5.6.41
tDT1110
Programmable cross-
current protection time
Tested by scan
3750
ns
5.6.42
tDT1111
Programmable cross-
current protection time
Tested by scan
4000
ns
5.6.43
fPWMH
PWMH switching
frequency(1)
VDH = 13.5 V; VSLx = 0 V; RG = 0 Ω; CG =
2.7 nF;
PWMH-Duty-cycle = 50%, tested by scan
50
kHz
1. Without cross-current protection time tDT.
L99H92
Full-bridge driver
DS14069 - Rev 4
page 33/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com