Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics L99H92 Datasheet HTML 31Page - STMicroelectronics L99H92 Datasheet HTML 32Page - STMicroelectronics L99H92 Datasheet HTML 33Page - STMicroelectronics L99H92 Datasheet HTML 34Page - STMicroelectronics L99H92 Datasheet HTML 35Page - STMicroelectronics L99H92 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
5.6.13
IGLxrmax
Maximum source current
(current mode)
VDH = 13.5 V; VSLx = 0; VGLx = 5 V;
SLEW<4 :0> = 1FH
SLEW1=0
SLEW2=0
140
170
200
mA
VDH = 13.5 V; VSLx = 0; VGLx = 5 V;
SLEW<4 :0> = 1FH
SLEW1=1
SLEW2=1
70
85
100
5.6.14
IGLxfmax
Maximum sink current
(current mode)
VDH = 13.5 V, VSLx = 0; VGLx = 5 V;
SLEW<4 :0> = 1FH
SLEW1=0
SLEW2=0
140
170
200
mA
VDH = 13.5 V, VSLx = 0; VGLx = 5 V;
SLEW<4 :0> = 1FH
SLEW1=1
SLEW2=1
70
85
100
5.6.15 TG(HL)xHL
Propagation delay time
high to low (switch mode)
(1)
VDH = 13.5 V; VSHx = 0; RG = 0 Ω; CG =
4.7 nF
0.01
0.25
2
µs
5.6.16 TG(HL)xLH
Propagation delay time
low to high (switch mode)
(1)
VDH = 13.5 V; VSLx = 0; RG = 0 Ω; CG =
4.7 nF
0.01
0.5
2
µs
5.6.17 IGHxrmax
Maximum source current
(current mode)
VDH = 13.5 V; VSHx = VDH; VGHx = VSHx+5
V; SLEW<4 :0> = 1FH
SLEW1=0
SLEW2=0
140
170
200
mA
VDH = 13.5 V; VSHx = VDH; VGHx = VSHx+5
V; SLEW<4 :0> = 1FH
SLEW1=1
SLEW2=1
70
85
100
5.6.18
IGHxfmax
Maximum sink current
(current mode)
VDH = 13.5 V, VSHx = 0; VGHx = VSHx+5 V;
SLEW<4 :0> = 1FH
SLEW1=0
SLEW2=0
140
170
200
mA
VDH = 13.5 V, VSHx = 0; VGHx = VSHx+5 V;
SLEW<4 :0> = 1FH
SLEW1=1
SLEW2=1
70
85
100
5.6.19
dIIGHxr
Source current accuracy
VDH = 13.5 V; VSLx = 0; VGLx = 5 V;
SLEW<4 :0> = 1FH
Refer to Figure 18 IGHx,
IGLx accuracy
5.6.20
dIIGHxf
Sink current accuracy
VDH = 13.5 V; VSHx = VDH; VGHx = VSHx+5
V; SLEW<4 :0> = 1FH
Refer to Figure 18 IGHx,
IGLx accuracy
5.6.21 VDSHxrSW
Switching voltage (VDH-
VSH) between current
mode and switch mode
(rising)
VDH = 13.5 V
0.85
1.14
1.45
V
L99H92
Full-bridge driver
DS14069 - Rev 4
page 32/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com