Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H92 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 22Page - STMicroelectronics L99H92 Datasheet HTML 23Page - STMicroelectronics L99H92 Datasheet HTML 24Page - STMicroelectronics L99H92 Datasheet HTML 25Page - STMicroelectronics L99H92 Datasheet HTML 26Page - STMicroelectronics L99H92 Datasheet HTML 27Page - STMicroelectronics L99H92 Datasheet HTML 28Page - STMicroelectronics L99H92 Datasheet HTML 29Page - STMicroelectronics L99H92 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
The binary value of WT[5:0] times 5 ms indicates the maximal safe long open window time. CW[3:0] times 5 ms
defines the maximum closed window time and WW[1:0] times 5 ms defines the minimum safe open window time.
The watchdog trigger register address is defined by the <WD bit pos. 1> ROM register.
Device application registers (RAM)
The Device Application Registers are all registers accessible using OpCode ‘00’, ‘01’ and ‘10’. The functions of
these registers are defined in the device specification.
Protocol failure detection
To achieve a communication protocol that covers certain fail-safe requirements a basic set of SPI communication
failure detection mechanisms is implemented.
Clock monitor
During communication (CSN low) a clock monitor counts the valid CLK clock edges. If the CLK edges do not
correlate with the SPI Data Length an SPIE is reported with the next command and the actual command is
rejected.
By accessing the Device Information Registers (OpCode = ‘11’) the Clock Monitor is set to a minimum of 24 CLK
edges plus a multiple by 16 (for example, 16, 32, , …).
Providing no CLK edge during the CSN low phase is not recognized as an SPIE. For an SPI Burst Read also the
SPI Data Length plus multiple numbers of Payloads CLK edges are assumed as a valid communication.
CLK polarity (CPOL) check
To detect the wrong polarity access via CLK the internal clock monitor is used. Providing first a negative edge on
CLK during communication (CSN low) or a positive edge at last will lead to an SPI Error reported in the next
communication and the actual command is rejected.
CLK phase (CPHA) check
To verify that the CLK Phase of the SPI master is set correctly a special Device Information Register is
implemented. By reading this register the data must be 55H. In case AAH is read, the CPHA setting of the SPI
master is wrong and a proper communication cannot be guaranteed.
CSN timeout
By pulling CSN low the SDO is set active and leaves its tristate condition. To ensure communication between
other SPI devices within the same bus even in case of CSN stuck @ low a CSN timeout is implemented. By
pulling CSN low an internal timer is started. When the timer reaches its end, the ongoing command is rejected,
the SPIE is set (and it will be visible at the next communication) and the SDO is set in tristate condition.
SDI stuck at LOW
As a communication with data all-‘0’ and OpCode ‘00’ on address b’000000 cannot be distinguished between a
valid command and a SDI stuck @ LOW, this communication is not allowed. Nevertheless, in case a stuck @
LOW is detected the command will be rejected and the SPIE will be set and it will be visible at the next
communication.
SDI stuck at HIGH
As a communication with data all-‘1’ and OpCode ‘11’ on address b’111111 cannot be distinguished between a
valid command and a SDI stuck @ HIGH, this communication is not allowed. In case a stuck @ HIGH is detected
the command will be rejected and the SPIE will be set and it will be visible at the next communication.
SDO stuck @
The SDO stuck @ GND and stuck @ HIGH have to be detected by the SPI master. As the definition of the GSB
guarantees at least one toggle, a GSB with all ‘0’ or all ‘1’ reports a stuck at error.
L99H92
ST SPI 4.1
DS14069 - Rev 4
page 26/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com